Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG620 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG620
Description  Single SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG620 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG620_15 Datasheet HTML 4Page - Analog Devices ADG620_15 Datasheet HTML 5Page - Analog Devices ADG620_15 Datasheet HTML 6Page - Analog Devices ADG620_15 Datasheet HTML 7Page - Analog Devices ADG620_15 Datasheet HTML 8Page - Analog Devices ADG620_15 Datasheet HTML 9Page - Analog Devices ADG620_15 Datasheet HTML 10Page - Analog Devices ADG620_15 Datasheet HTML 11Page - Analog Devices ADG620_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG619/ADG620
Rev. C | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VD,VS (V)
5
–3
1234
8
0
3
2
5
–5
–1
7
1
6
4
–2
–4
0
TA = 25°C
VDD,VSS =±2.5V
VDD,VSS = ±3V
VDD,VSS = ±3.3V
VDD,VSS = ±4.5V
VDD,VSS = ±5V
Figure 4. On Resistance vs. VD, VS (Dual Supply)
VD,VS (V)
34
18
0
4
14
10
02
1
16
6
2
12
8
5
VDD =2.7V
VDD =3V
VDD =3.3V
VDD =4.5V
VDD =5V
TA =25°C
VSS =0V
Figure 5. On Resistance vs. VD, VS (Single Supply)
6
0
1
5
2
4
3
VD,VS (V)
5
–3
123
4
–5
–1
–2
–4
0
TA =+25°C
TA =–40°C
TA =+85°C
VDD =+5V
VSS = –5V
Figure 6. On Resistance vs. VD, VS for Different Temperatures (Dual Supply)
VD,VS (V)
5
1
3
10
0
4
2
8
6
0
2
TA = –40°C
TA =+25°C
TA =+85°C
9
3
1
7
5
4
VDD =5V
VSS =0V
Figure 7. On Resistance vs. VD, VS for Different Temperatures (Single Supply)
TEMPERATURE (°C)
10
20
60
80
70
50
0.5
0.2
0.4
0.3
040
30
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
VDD =+5V
VSS = –5V
VD =±4.5V
VS = 4.5V
IS (OFF)
ID,IS (ON)
Figure 8. Leakage Currents vs. Temperature (Dual Supply)
TEMPERATURE (°C)
10
20
60
80
70
50
0.5
0.2
0.4
0.3
040
30
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
VDD =5V
VSS =0V
VD =4.5V/1V
VS = 1V/4.5V
IS (OFF)
ID,IS (ON)
Figure 9. Leakage Currents vs. Temperature (Single Supply)


Similar Part No. - ADG620_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG620BRM AD-ADG620BRM Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG620BRM AD-ADG620BRM Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG620BRM-REEL AD-ADG620BRM-REEL Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG620BRM-REEL7 AD-ADG620BRM-REEL7 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG620BRMZ2 AD-ADG620BRMZ2 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
More results

Similar Description - ADG620_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG619 AD-ADG619_15 Datasheet
365Kb / 16P
   Single SPDT Switches
REV. C
logo
BOWEI Integrated Circui...
SW20X BOWEI-SW20X Datasheet
115Kb / 1P
   SPDT Switches
logo
Micronetics, Inc.
2S3021 MICRONETICS-2S3021 Datasheet
307Kb / 1P
   SPDT SWITCHES
logo
BOWEI Integrated Circui...
SWDT-1C BOWEI-SWDT-1C Datasheet
100Kb / 1P
   PIN SPDT Switches
SWST-1A BOWEI-SWST-1A Datasheet
97Kb / 1P
   PIN SPDT Switches
logo
Maxim Integrated Produc...
MAX4624EUT MAXIM-MAX4624EUT Datasheet
218Kb / 11P
   1ohm, Low-Voltage, Single-Supply SPDT Analog Switches
Rev 2; 5/01
MAX4624 MAXIM-MAX4624 Datasheet
169Kb / 12P
   1?? Low-Voltage, Single-Supply SPDT Analog Switches
Rev 1; 1/00
logo
Analog Devices
ADG734 AD-ADG734_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
ADG733 AD-ADG733_15 Datasheet
210Kb / 12P
   Triple/Quad SPDT Switches
REV. B
logo
Maxim Integrated Produc...
MAX4740 MAXIM-MAX4740 Datasheet
289Kb / 13P
   Quad SPDT Audio Switches
Rev 1; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com