Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6500BCB Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP6500BCB
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6500BCB Datasheet(HTML) 4 Page - Intersil Corporation

  HIP6500BCB Datasheet HTML 1Page - Intersil Corporation HIP6500BCB Datasheet HTML 2Page - Intersil Corporation HIP6500BCB Datasheet HTML 3Page - Intersil Corporation HIP6500BCB Datasheet HTML 4Page - Intersil Corporation HIP6500BCB Datasheet HTML 5Page - Intersil Corporation HIP6500BCB Datasheet HTML 6Page - Intersil Corporation HIP6500BCB Datasheet HTML 7Page - Intersil Corporation HIP6500BCB Datasheet HTML 8Page - Intersil Corporation HIP6500BCB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Absolute Maximum Ratings
Thermal Information
Supply Voltage, V5VSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
12V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +14.5V
DLA, DRV2. . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to V12V +0.3V
All Other Pins . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to 5VSB + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 3
Recommended Operating Conditions
Supply Voltage, V5VSB . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ± 5%
Lowest 5VSB Supply Voltage Guaranteeing Parameters . . . . +4.5V
Digital Inputs, VSX,VEN5VDL, VEN3VDL . . . . . . . . . . . . . 0 to +5.5V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . 0oC to 125oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
87
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted Refer to Figures 1, 2 and 3
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current
I5VSB
-30-
mA
Shutdown Supply Current
I5VSB(OFF)
VSS = 0.8V
-
14
-
mA
POWER-ON RESET, SOFT-START, AND VOLTAGE MONITORS
Rising 5VSB POR Threshold
-
-
4.5
V
5VSB POR Hysteresis
-
1.0
-
V
Rising 12V Threshold
-
-
10.8
V
12V Hysteresis
-
1.0
-
V
Rising 3V3 and 5V Thresholds
-90-
%
3V3 and 5V Hysteresis
-5-
%
Soft-Start Current
ISS
-10-
µA
Shutdown Voltage Threshold
VSD
-
-
0.8
V
3.3VSB LINEAR REGULATOR (VOUT1)
Regulation
-
-
2.0
%
3V3SB Nominal Voltage Level
V3V3SB
-
3.3
-
V
3V3SB Undervoltage Rising Threshold
-
2.739
-
V
3V3SB Undervoltage Hysteresis
-99-
mV
3V3SB Output Current
I3V3SB
5VSB = 5V
250
300
-
mA
2.5/3.3VMEM LINEAR REGULATOR (VOUT2)
Regulation (Note 2)
-
-
2.0
%
VSEN2 Nominal Voltage Level
VVSEN2
RSEL = 1kΩ
-
2.5
-
V
VSEN2 Nominal Voltage Level
VVSEN2
RSEL = 10kΩ
-
3.3
-
V
VSEN2 Undervoltage Rising Threshold
-
83
-
%
VSEN2 Undervoltage Hysteresis (Note 3)
-
3
-
%
VSEN2 Output Current
IVSEN2
5VSB = 5V
250
300
-
mA
HIP6500B


Similar Part No. - HIP6500BCB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6500BCB RENESAS-HIP6500BCB Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results

Similar Description - HIP6500BCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com