Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG715 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG715
Description  Serially Controlled, Octal SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG715 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG715_15 Datasheet HTML 7Page - Analog Devices ADG715_15 Datasheet HTML 8Page - Analog Devices ADG715_15 Datasheet HTML 9Page - Analog Devices ADG715_15 Datasheet HTML 10Page - Analog Devices ADG715_15 Datasheet HTML 11Page - Analog Devices ADG715_15 Datasheet HTML 12Page - Analog Devices ADG715_15 Datasheet HTML 13Page - Analog Devices ADG715_15 Datasheet HTML 14Page - Analog Devices ADG715_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG714/ADG715
–11–
REV.
VOLTAGE – V
0
0
1.0
0.5
2.0
1.5
VDD = 3V
VSS = GND
TA = 25 C
3.0
0.04
0.02
–0.02
–0.04
ID (OFF)
IS (OFF)
IS, ID (ON)
2.5
TPC 7. Leakage Currents as a Function of VD (VS)
VOLTAGE – V
0
–2
–1
0
ID (OFF)
IS (OFF)
IS, ID (ON)
0.04
0.02
–0.02
–0.04
2
1
VDD = +2.5V
VSS = –2.5V
TA = 25 C
TPC 8. Leakage Currents as a Function of VD (VS) Dual
Supply
TEMPERATURE – C
0
10
20
30
70
40
0.1
0.05
–0.05
–0.1
60
50
IS, ID (ON)
ID (OFF)
IS (OFF)
VDD = +2.75V
VSS = –2.75V
VD = +2.25V/–1.25V
VS = –1.25V/+2.25V
VDD = +5V
VSS = GND
VD = 4.5V/1V
VS = 1V/4.5V
80
TPC 9. Leakage Currents as Function of Temperature
TEMPERATURE – C
0
10
20
30
70
40
0.1
0.05
–0.05
–0.1
60
50
ID, IS (ON)
IS (OFF)
ID (OFF)
VDD = 3V
VSS = GND
VD = 3V/1V
VS = 1V/3V
80
TPC 10. Leakage Currents as a Function of Temperature
FREQUENCY – Hz
0
30k
–120
–100
–80
–60
–40
–20
100k
1M
10M
100M
VDD = 5V
TA = 25 C
TPC 11. Off Isolation vs. Frequency
FREQUENCY – Hz
–14
300M
–12
–10
–8
–6
–4
0
–2
100M
10M
1M
100k
30k
TPC 12. On Response vs. Frequency
C


Similar Part No. - ADG715_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG715BRU AD-ADG715BRU Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG715BRU AD-ADG715BRU Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG715BRU AD-ADG715BRU Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG715BRU-REEL AD-ADG715BRU-REEL Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG715BRU-REEL7 AD-ADG715BRU-REEL7 Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
More results

Similar Description - ADG715_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com