Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG723 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG723
Description  CMOS, Low Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG723 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG723_15 Datasheet HTML 2Page - Analog Devices ADG723_15 Datasheet HTML 3Page - Analog Devices ADG723_15 Datasheet HTML 4Page - Analog Devices ADG723_15 Datasheet HTML 5Page - Analog Devices ADG723_15 Datasheet HTML 6Page - Analog Devices ADG723_15 Datasheet HTML 7Page - Analog Devices ADG723_15 Datasheet HTML 8Page - Analog Devices ADG723_15 Datasheet HTML 9Page - Analog Devices ADG723_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG721/ADG722/ADG723
Data Sheet
Rev. E | Page 6 of 16
PIN CONFIGURATION AND PIN DESCRIPTIONS
8
7
6
5
1
2
3
4
S1
D1
IN2
GND
IN1
D2
S2
VDD
ADG721/
ADG722/
ADG723
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PADDLE OF LFCSP
SHOULD BE TIED TO GROUND.
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Descriptions
1
S1
Source Pin 1. May be an input or an output.
2
D1
Drain Pin 1. May be an input or an output.
3
IN2
Logic Control Input for Switch S2D2.
4
GND
Ground (0 V) Reference.
5
S2
Source Pin 2. May be an input or an output.
6
D2
Drain Pin 2. May be an input or an output.
7
IN1
Logic Control Input for Switch S1D1.
8
VDD
Positive Power Supply Input.
Table 5. Truth Table (ADG721/ADG722)
ADG721 In
ADG722 In
Switch Condition
0
1
Off
1
0
On
Table 6. Truth Table (ADG723)
Logic
Switch 1
Switch 2
0
Off
On
1
On
Off


Similar Part No. - ADG723_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG723ACPZ-REEL AD-ADG723ACPZ-REEL Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG723ACPZ-REEL7 AD-ADG723ACPZ-REEL7 Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG723BRM AD-ADG723BRM Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG723BRM AD-ADG723BRM Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG723BRM-REEL AD-ADG723BRM-REEL Datasheet
274Kb / 16P
   CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
More results

Similar Description - ADG723_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
   LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
   CMOS, Low Voltage
Rev. E
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
   LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
   LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com