Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG731 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG731
Description  16-/32-Channel, Serially Controlled
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731 Datasheet(HTML) 5 Page - Analog Devices

  ADG731_15 Datasheet HTML 1Page - Analog Devices ADG731_15 Datasheet HTML 2Page - Analog Devices ADG731_15 Datasheet HTML 3Page - Analog Devices ADG731_15 Datasheet HTML 4Page - Analog Devices ADG731_15 Datasheet HTML 5Page - Analog Devices ADG731_15 Datasheet HTML 6Page - Analog Devices ADG731_15 Datasheet HTML 7Page - Analog Devices ADG731_15 Datasheet HTML 8Page - Analog Devices ADG731_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
ADG725/ADG731
–5–
TIMING CHARACTERISTICS1, 2
Parameter
Limit at TMIN, TMAX
Unit
Conditions/Comments
fSCLK
30
MHz max
SCLK Cycle Frequency
t1
33
ns min
SCLK Cycle Time
t2
13
ns min
SCLK High Time
t3
13
ns min
SCLK Low Time
t4
13
ns min
SYNC to SCLK Falling Edge Setup Time
t5
40
ns min
Minimum
SYNC Low Time
t6
5
ns min
Data Setup Time
t7
4.5
ns min
Data Hold Time
t8
33
ns min
Minimum
SYNC High Time
NOTES
1See Figure 1.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of (V IL + VIH)/2.
Specifications subject to change without notice.
SCLK
SYNC
DIN
DB7
DB0
t
8
t
4
t
5
t
6
t
7
t
2
t
3
t
1
Figure 1. 3-Wire Serial Interface Timing Diagram
A3
A2
A1
A0
EN
CSA
X
DB0 (LSB)
DB7 (MSB)
DATA BITS
CSB
Figure 2. ADG725 Input Shift Register Contents
A3
A2
A1
A0
EN
CS
X
DB0 (LSB)
DB7 (MSB)
DATA BITS
A4
Figure 3. ADG731 Input Shift Register Contents


Similar Part No. - ADG731_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG731BCP AD-ADG731BCP Datasheet
270Kb / 15P
   16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD May 2002
ADG731BCP AD-ADG731BCP Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCP AD-ADG731BCP Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCP-REEL AD-ADG731BCP-REEL Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCP-REEL AD-ADG731BCP-REEL Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results

Similar Description - ADG731_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG725 AD-ADG725_15 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled
REV. A
logo
Maxim Integrated Produc...
MAX4586 MAXIM-MAX4586 Datasheet
140Kb / 12P
   Serially Controlled, 4-Channel Serially Controlled, 4-Channel
Rev 0; 8/99
logo
Analog Devices
ADG725 AD-ADG725_V01 Datasheet
285Kb / 17P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Rev. B
ADG725 AD-ADG725 Datasheet
270Kb / 15P
   16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD May 2002
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BSUZ AD-ADG731BSUZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Analog Devices
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com