Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG731 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG731
Description  16-/32-Channel, Serially Controlled
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG731_15 Datasheet HTML 4Page - Analog Devices ADG731_15 Datasheet HTML 5Page - Analog Devices ADG731_15 Datasheet HTML 6Page - Analog Devices ADG731_15 Datasheet HTML 7Page - Analog Devices ADG731_15 Datasheet HTML 8Page - Analog Devices ADG731_15 Datasheet HTML 9Page - Analog Devices ADG731_15 Datasheet HTML 10Page - Analog Devices ADG731_15 Datasheet HTML 11Page - Analog Devices ADG731_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
–8–
ADG725/ADG731
Table I. ADG725 Truth Table
A3
A2
A1
A0
EN
CSA
CSB
Switch Condition
XX
XXX
11
Retains Previous Switch Condition
XX
XX1
XX
All Switches OFF
000
0
000
S1A – DA, S1B – DB
000
1
000
S2A – DA, S2B – DB
001
0
000
S3A – DA, S3B – DB
001
1
000
S4A – DA, S4B – DB
010
0
000
S5A – DA, S5B – DB
010
1
000
S6A – DA, S6B – DB
011
0
000
S7A – DA, S7B – DB
011
1
000
S8A – DA, S8B – DB
100
0
000
S9A – DA, S9B – DB
10
01
000
S10A – DA, S10B – DB
10
10
000
S11A – DA, S11B – DB
10
11
000
S12A – DA, S12B – DB
11
00
000
S13A – DA, S13B – DB
11
01
000
S14A – DA, S14B – DB
11
10
000
S15A – DA, S15B – DB
11
11
000
S16A – DA, S16B – DB
X = Don’t Care
Table II. ADG731 Truth Table
A4
A3
A2
A1
A0
EN
CSA
Switch Condition
XX
XX
XX1
Retains Previous Switch Condition
XX
XXX
1X
All Switches OFF
000
0
000
1
000
0
100
2
000
1
000
3
000
1
100
4
001
0
000
5
001
0
100
6
001
1
000
7
001
1
100
8
010
0
000
9
010
0
100
10
010
1
000
11
010
1
100
12
011
0
000
13
011
0
100
14
011
1
000
15
011
1
100
16
100
0
000
17
100
0
100
18
100
1
000
19
100
1
100
20
101
0
000
21
101
0
100
22
101
1
000
23
101
1
100
24
110
0
000
25
110
0
100
26
110
1
000
27
110
1
100
28
111
0
000
29
111
0
100
30
111
1
000
31
111
1
100
32
X = Don’t Care


Similar Part No. - ADG731_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG731BCP AD-ADG731BCP Datasheet
270Kb / 15P
   16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD May 2002
ADG731BCP AD-ADG731BCP Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCP AD-ADG731BCP Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCP-REEL AD-ADG731BCP-REEL Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BCP-REEL AD-ADG731BCP-REEL Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results

Similar Description - ADG731_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG725 AD-ADG725_15 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled
REV. A
logo
Maxim Integrated Produc...
MAX4586 MAXIM-MAX4586 Datasheet
140Kb / 12P
   Serially Controlled, 4-Channel Serially Controlled, 4-Channel
Rev 0; 8/99
logo
Analog Devices
ADG725 AD-ADG725_V01 Datasheet
285Kb / 17P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Rev. B
ADG725 AD-ADG725 Datasheet
270Kb / 15P
   16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD May 2002
ADG731BCPZ AD-ADG731BCPZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725 AD-ADG725_03 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG731BSUZ AD-ADG731BSUZ Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Analog Devices
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com