Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA2039J3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BTA2039J3
Description  PNP Epitaxial Planar Silicon Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA2039J3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTA2039J3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA2039J3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA2039J3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA2039J3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA2039J3 Datasheet HTML 5Page - Cystech Electonics Corp. BTA2039J3 Datasheet HTML 6Page - Cystech Electonics Corp. BTA2039J3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C157J3
Issued Date : 2014.12.03
Revised Date : 2014.12.04
Page No. : 1/7
BTA2039J3
CYStek Product Specification
PNP Epitaxial Planar Silicon Transistor
BTA2039J3
Features
• Large current capability
• Very low saturation voltage
• Low collector-to-emitter saturation voltage
• High speed switching
• Pb-free lead plating and halogen-free package
Symbol
Outline
TO-252(DPAK)
BTA2039J3
Ordering Information
Device
Package
Shipping
TO-252
BTA2039J3-0-T3-G
(RoHS compliant and halogen-free package)
2500 pcs / Tape & Reel
B:Base
C:Collector
E:Emitter
B C E
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T3:2500 pcs/tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - BTA2039J3

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BTA203-800CT WEEN-BTA203-800CT Datasheet
400Kb / 12P
   3Q Hi-Com Triac
More results

Similar Description - BTA2039J3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com