Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6503CB Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP6503CB
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6503CB Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP6503CB Datasheet HTML 6Page - Intersil Corporation HIP6503CB Datasheet HTML 7Page - Intersil Corporation HIP6503CB Datasheet HTML 8Page - Intersil Corporation HIP6503CB Datasheet HTML 9Page - Intersil Corporation HIP6503CB Datasheet HTML 10Page - Intersil Corporation HIP6503CB Datasheet HTML 11Page - Intersil Corporation HIP6503CB Datasheet HTML 12Page - Intersil Corporation HIP6503CB Datasheet HTML 13Page - Intersil Corporation HIP6503CB Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
In HIP6503 applications, loss of any one active ATX output
(3.3VIN,5VIN, or 12VIN; as detected by the on-board voltage
monitors) during active state operation causes the chip to
switch to S5 sleep state, in addition to reporting the input UV
condition on the FAULT/MSEL pin. Exiting from this forced-
S5 state can only be achieved by returning the faulting input
voltage above its UV threshold, by resetting the chip through
removal of 5VSB bias voltage, or by bringing the SS pin at a
potential lower than 0.8V.
Output Voltages
The output voltages are internally set and do not require any
external components. Selection of the VMEM memory
voltage is done by means of an external resistor connected
between the FAULT/MSEL pin and ground. An internal 40
µA
(typical) current source creates a voltage drop across this
resistor. Following every 3.3VSB ramp-up or chip reset (see
Soft-Start Circuit), this voltage is compared with an internal
reference and the setting is latched in. Based on this
comparison, the output voltage is set at either 2.5V
(RSEL =1kΩ), or 3.3V (RSEL = 10kΩ). It is very important
that no capacitor is connected to the FAULT/MSEL pin; the
presence of a capacitive element at this pin can lead to false
memory voltage selection. See Figure 9 for details.
Application Guidelines
Soft-Start Interval
The 5VSB output of a typical ATX supply is capable of
725mA. During power-up in a sleep state, it needs to provide
sufficient current to charge up all the output capacitors and
simultaneously provide some amount of current to the output
loads. Drawing excessive amounts of current from the 5VSB
output of the ATX can lead to voltage collapse and induce a
pattern of consecutive restarts with unknown effects on the
system’s behavior or health.
The built-in soft-start circuitry allows tight control of the slew-
up speed of the output voltages controlled by the HIP6503,
thus enabling power-ups free of supply drop-off events.
Since the outputs are ramped up in a linear fashion, the
current dedicated to charging the output capacitors can be
calculated with the following formula:
, where
ISS - soft-start current (typically 10µA)
CSS - soft-start capacitor
VBG - bandgap voltage (typically 1.26V)
Σ(C
OUT x VOUT) - sum of the products between the
capacitance and the voltage of an output (total charge
delivered to all outputs)
Due to the various system timing events, it is recommended
that the soft-start interval not be set to exceed 30ms.
Shutdown
In case of a FAULT condition that might endanger the
computer system, or at any other time, all the HIP6503
outputs can be shut down by pulling the SS pin below the
specified shutdown level (typically 0.8V) with an open drain
or open collector device capable of sinking a minimum of
2mA. Pulling the SS pin low effectively shuts down all the
pass elements. Upon release of the SS pin, the HIP6503
undergoes a new soft-start cycle and resumes normal
operation in accordance to the ATX supply and control pins
status.
Layout Considerations
The typical application employing a HIP6503 is a fairly
straight forward implementation. Like with any other linear
regulator, attention has to be paid to the few potentially
sensitive small signal components, such as those connected
to sensitive nodes or those supplying critical by-pass
current.
The power components (pass transistors) and the controller
IC should be placed first. The controller should be placed in
a central position on the motherboard, closer to the memory
load if possible, but not excessively far from the clock chip or
the processor. Insure the 1V8SB, DRV2 and VSEN2
connections are properly sized to carry 250mA without
significant resistive losses; similar guideline applies to the
VCLK output, which can deliver as much as 800mA (typical).
As the current for the VCLK output is provided from the ATX
3.3V, the connection from the 3V3 pin to the 3.3V plane
should be sized to carry the maximum clock output current
while exhibiting negligible voltage losses. Similarly, the 5VSB
and the 5V pins are carrying significant levels of current - for
best results, insure they are connected to their respective
sources through adequately sized traces. The pass
transistors should be placed on pads capable of heatsinking
matching the device’s power dissipation. Where applicable,
multiple via connections to a large internal plane can
significantly lower localized device temperature rise.
Placement of the decoupling and bulk capacitors should
follow a placement reflecting their purpose. As such, the
FIGURE 9. 2.5/3.3VMEM OUTPUT VOLTAGE SELECTION
CIRCUITRY DETAILS
FAULT/MSEL
40
µA
+
-
+
-
0.2V
MEM VOLTAGE
SELECT COMP
RSEL
RSEL
VMEM
1k
10k
2.5V
3.3V
5VSB
I
COUT
I
SS
C
SS
V
BG
×
------------------------------
Σ C
OUT
V
OUT
×
()
×
=
HIP6503


Similar Part No. - HIP6503CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6503CB INTERSIL-HIP6503CB Datasheet
373Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
HIP6503CB RENESAS-HIP6503CB Datasheet
683Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6503CBZ INTERSIL-HIP6503CBZ Datasheet
373Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
HIP6503CBZ RENESAS-HIP6503CBZ Datasheet
683Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6503CBZ-T INTERSIL-HIP6503CBZ-T Datasheet
373Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - HIP6503CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com