Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3434-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO3434-HF
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO3434-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  AO3434-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO3434-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO3434-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO3434-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
30
V
VDS=30V, VGS=0V
1
VDS=30V, VGS=0V, TJ=55℃
5
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±16V
±
10
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
1
1.8
V
VGS=10V, ID=4.2A
52
VGS=10V, ID=4.2A TJ=125℃
74
VGS=4.5V, ID=2A
75
On State Drain Current
ID(ON)
VGS=10V, VDS=5V
30
A
Forward Transconductance
gFS
VDS=5V, ID=4.2A
8.5
S
Input Capacitance
Ciss
269
340
Output Capacitance
Coss
65
Reverse Transfer Capacitance
Crss
41
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1MHz
1
1.5
Ω
Total Gate Charge (10V)
5.7
7.2
Total Gate Charge (4.5V)
3
Gate Source Charge
Qgs
1.37
Gate Drain Charge
Qgd
0.65
Turn-On DelayTime
td(on)
3.8
Turn-On Rise Time
tr
8
Turn-Off DelayTime
td(off)
23
Turn-Off Fall Time
tf
5.5
Body Diode Reverse Recovery Time
trr
15.5
21
Body Diode Reverse Recovery Charge
Qrr
7.1
nC
Maximum Body-Diode Continuous Current
IS
1.8
A
Diode Forward Voltage
VSD
IS=1A,VGS=0V
1
V
ns
Zero Gate Voltage Drain Current
IDSS
uA
VGS=10V, VDS=15V, RL=3.6Ω,RG=3Ω
RDS(On)
Static Drain-Source On-Resistance
Qg
IF= 4.2A, dI/dt= 100A/μs
VGS=0V, VDS=15V, f=1MHz
VGS=10V, VDS=15V, ID=4.2A
pF
nC
Marking
Marking
B4** F
N-Channel MOSFET
AO3434-HF (KO3434-HF)


Similar Part No. - AO3434-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO3434-HF-3 KEXIN-AO3434-HF-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO3434-HF

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com