Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMA510GM-55883 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HMA510GM-55883
Description  16 x 16-Bit CMOS Parallel Multiplier Accumulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMA510GM-55883 Datasheet(HTML) 5 Page - Intersil Corporation

  HMA510GM-55883 Datasheet HTML 1Page - Intersil Corporation HMA510GM-55883 Datasheet HTML 2Page - Intersil Corporation HMA510GM-55883 Datasheet HTML 3Page - Intersil Corporation HMA510GM-55883 Datasheet HTML 4Page - Intersil Corporation HMA510GM-55883 Datasheet HTML 5Page - Intersil Corporation HMA510GM-55883 Datasheet HTML 6Page - Intersil Corporation HMA510GM-55883 Datasheet HTML 7Page - Intersil Corporation HMA510GM-55883 Datasheet HTML 8Page - Intersil Corporation HMA510GM-55883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3-14
Clock HIGH
Pulse Width
tPWH
9, 10, 11
-55
≤ TA ≤ 125
20
-
25
-
25
-
ns
Clock LOW
Pulse Width
tPWL
9, 10, 11
-55
≤ TA ≤ 125
20
-
25
-
25
-
ns
Output Delay
tD
9, 10, 11
-55
≤ TA ≤ 125
-
30
-
35
-
35
ns
Three-State
Enable Time
tENA
(Note 5)
9, 10, 11
-55
≤ TA ≤ 125
-
30
-
30
-
35
ns
NOTES:
5. AC Testing as follows: VCC = 4.5V and 5.5V. Input levels 0V and 3.0V (0V and 3.2V tor clock inputs). Timing reference levels = 1.5V,
Output load per test load circuit, with V1 = 2.4V, R1 = 500Ω and CL = 40pF.
6. Transition is measured at 1200mV from steady state voltage, Output loading per test load circuit, with V1 = 1.5V, R1 = 500Ω and CL =
40pF.
TABLE 3. HMA510/883 ELECTRICAL PERFORMANCE SPECIFICATIONS
PARAMETER
SYMBOL
TEST
CONDITIONS
NOTE
TEMPERATURE (oC)
-55
-65
-75
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
lnput Capacitance
CIN
VCC = Open,
f = 1MHz All mea-
surements are ref-
erenced to device
GND
1TA = 25
-
10
-
10
-
10
pF
Output Capacitance
COUT
1TA = 25
-
10
-
10
-
10
pF
I/O Capacitance
CI/O
1TA = 25
-
15
-
15
-
15
pF
Input Hold Time
tH
1
-55
≤ TA ≤ 125
3-3-3-
ns
Three-State Disable
Time
tDIS
1
-55
≤ TA ≤ 125
-
30
-
30
-
30
ns
Output Rise Time
tr
From 0.8V to 2.0V
1
-55
≤ TA ≤ 125
-
10
-
10
-
10
ns
Output Fall Time
tf
From 2.0V to 0.8V
1
-55
≤ TA ≤ 125
-
10
-
10
-
10
ns
NOTE:
7. The parameters listed in Table 3 are controlled via design or process parameters and are not directly tested. These parameters are char-
acterized upon initial design and after major process and/or design changes.
TABLE 4. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
SUBGROUPS
Initial Test
100%/5004
-
Interim Test
100%/5004
-
PDA
100%
1
Final Test
100%
2, 3, 8A, 8B, 10,11
Group A
-
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Groups C and D
Samples/5005
1, 7, 9
TABLE 2. HMA510/883 AC ELECTRICAL PERFORMANCE SPECIFICATIONS (Continued)
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
(NOTE 5)
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE (oC)
-55
-65
-75
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
HMA510/883


Similar Part No. - HMA510GM-55883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510GC-55 INTERSIL-HMA510GC-55 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
More results

Similar Description - HMA510GM-55883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com