Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG774 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG774
Description  Wide Bandwidth Quad 2:1 Mux
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774 Datasheet(HTML) 4 Page - Analog Devices

  ADG774_15 Datasheet HTML 1Page - Analog Devices ADG774_15 Datasheet HTML 2Page - Analog Devices ADG774_15 Datasheet HTML 3Page - Analog Devices ADG774_15 Datasheet HTML 4Page - Analog Devices ADG774_15 Datasheet HTML 5Page - Analog Devices ADG774_15 Datasheet HTML 6Page - Analog Devices ADG774_15 Datasheet HTML 7Page - Analog Devices ADG774_15 Datasheet HTML 8Page - Analog Devices ADG774_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADG774
–4–
REV. C
ORDERING GUIDE
Model
Temperature Range
Package Descriptions
Package Options
ADG774BR
–40
°C to +125°C
Standard Small Outline Package (SOIC)
R-16
ADG774BR-REEL
–40
°C to +125°C
Standard Small Outline Package (SOIC)
R-16
ADG774BR-REEL7
–40
°C to +125°C
Standard Small Outline Package (SOIC)
R-16
ADG774BRZ
*
–40
°C to +125°C
Standard Small Outline Package (SOIC)
R-16
ADG774BRZ-REEL
*
–40
°C to +125°C
Standard Small Outline Package (SOIC)
R-16
ADG774BRZ-REEL7
*
–40
°C to +125°C
Standard Small Outline Package (SOIC)
R-16
ADG774BRQ
–40
°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
ADG774BRQ-REEL
–40
°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
ADG774BRQ-REEL7
–40
°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
ADG774BRQZ
*
–40
°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
ADG774BRQZ-REEL
*
–40
°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
ADG774BRQZ-REEL7
*
–40
°C to +125°C
Shrink Small Outline Package (QSOP)
RQ-16
*Z = Pb-free part.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG774 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
Analog, Digital Inputs
2
. . . . . . . . . . –0.3 V to VDD + 0.3 V or
30 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . 100 mA
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . 300 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . . 600 mW
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 100
°C/W
QSOP Package, Power Dissipation . . . . . . . . . . . . . . . 566 mW
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . 149.97
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . . 300
°C
I R Reflow, Peak Temperature (<20 sec) . . . . . . . . . . . . 235
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 kV
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at IN, S, or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.


Similar Part No. - ADG774_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774A AD-ADG774A Datasheet
144Kb / 8P
   Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV. 0
ADG774ABCPZ-REEL AD-ADG774ABCPZ-REEL Datasheet
371Kb / 16P
   Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774ABRQ AD-ADG774ABRQ Datasheet
144Kb / 8P
   Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV. 0
ADG774ABRQ AD-ADG774ABRQ Datasheet
371Kb / 16P
   Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774ABRQ-REEL AD-ADG774ABRQ-REEL Datasheet
371Kb / 16P
   Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
More results

Similar Description - ADG774_15

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
PI3L100 PERICOM-PI3L100 Datasheet
74Kb / 6P
   3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
   Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Analog Devices
ADG774BRZ AD-ADG774BRZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774 AD-ADG774 Datasheet
119Kb / 8P
   CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. 0
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com