Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPLR3103 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HPLR3103
Description  52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HPLR3103 Datasheet(HTML) 4 Page - Intersil Corporation

  HPLR3103 Datasheet HTML 1Page - Intersil Corporation HPLR3103 Datasheet HTML 2Page - Intersil Corporation HPLR3103 Datasheet HTML 3Page - Intersil Corporation HPLR3103 Datasheet HTML 4Page - Intersil Corporation HPLR3103 Datasheet HTML 5Page - Intersil Corporation HPLR3103 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6-6
FIGURE 3. TRANSFER CHARACTERISTICS
FIGURE 4. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 5. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 6. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 7. SOURCE TO DRAIN DIODE FORWARD VOLTAGE
FIGURE 8. FORWARD BIAS SAFE OPERATING AREA
Typical Performance Curves (Continued)
1
10
100
1000
24
6
79
VGS, GATE TO SOURCE VOLTAGE (V)
20
µs PULSE WIDTH
VDS = 15V
TJ = 25
oC
TJ = 150
oC
3
5
8
0
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
ID = 46A, VGS = 10V
DUTY CYCLE = 0.5% MAX
0
400
800
1200
1600
2000
2400
2800
3200
10
100
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGS
CISS
COSS
CRSS
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
VDS = 24V
0
4
8
12
16
20
0
10
20
30
40
QG, TOTAL GATE CHARGE (nC)
ID = 34A
VDS = 15V
10
100
1000
0.4
1.2
2.0
2.8
TJ = 25
oC
TJ = 175
oC
VSD, SOURCE TO DRAIN VOLTAGE (V)
2.4
1.6
0.8
PULSE DURATION = 80
µs
ID = 46A, VGS = 10V
DUTY CYCLE = 0.5% MAX
1
10
100
1000
1
10
100
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
VDSS MAX = 30V
VDS, DRAIN TO SOURCE VOLTAGE (V)
10ms
1ms
100
µs
10
µs
HPLR3103, HPLU3103


Similar Part No. - HPLR3103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HPLR3103 FAIRCHILD-HPLR3103 Datasheet
117Kb / 7P
   52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
More results

Similar Description - HPLR3103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HPLR3103 FAIRCHILD-HPLR3103 Datasheet
117Kb / 7P
   52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Suntac Electronic Corp.
S76121P SUNTAC-S76121P Datasheet
979Kb / 7P
   47A, 30V, 0.021 OHM, N-CHANNEL, LOGIC LEVEL ULTRAFET POWER MOSFETS
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com