Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRF3205 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HRF3205
Description  100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HRF3205 Datasheet(HTML) 4 Page - Intersil Corporation

  HRF3205 Datasheet HTML 1Page - Intersil Corporation HRF3205 Datasheet HTML 2Page - Intersil Corporation HRF3205 Datasheet HTML 3Page - Intersil Corporation HRF3205 Datasheet HTML 4Page - Intersil Corporation HRF3205 Datasheet HTML 5Page - Intersil Corporation HRF3205 Datasheet HTML 6Page - Intersil Corporation HRF3205 Datasheet HTML 7Page - Intersil Corporation HRF3205 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-32
FIGURE 5. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 6. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 7. SOURCE TO DRAIN DIODE FORWARD VOLTAGE
FIGURE 8. FORWARD BIAS SAFE OPERATING AREA
FIGURE 9. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 10. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
Typical Performance Curves (Continued)
0
1000
2000
3000
4000
5000
6000
7000
8000
10
100
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGS
CISS
COSS
CRSS
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
0
4
8
12
16
20
0
36
72
108
144
180
Qg, GATE CHARGE (nC)
VDS = 44V
VDS = 28V
VDS = 11V
ID = 59A
1
10
100
1000
0.5
1.0
1.5
2.0
VSD, SOURCE TO DRAIN VOLTAGE (V)
TJ = 175
oC
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
1
10
100
1000
1
10
100
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
VDSS(MAX) = 55V
VDS, DRAIN TO SOURCE VOLTAGE (V)
100
µs
1ms
10ms
10
µs
TC, CASE TEMPERATURE (
oC)
0
30
60
90
120
25
50
75
100
125
150
175
BY PACKAGE
CURRENT LIMITED
1
10
100
0.01
1000
10
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
0.1
100
HRF3205, HRF3205S


Similar Part No. - HRF3205

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HRF3205 FAIRCHILD-HRF3205 Datasheet
191Kb / 9P
   100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
logo
Inchange Semiconductor ...
HRF3205 ISC-HRF3205 Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
HRF3205S FAIRCHILD-HRF3205S Datasheet
191Kb / 9P
   100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
More results

Similar Description - HRF3205

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HRF3205 FAIRCHILD-HRF3205 Datasheet
191Kb / 9P
   100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
logo
Intersil Corporation
HUF75344G3 INTERSIL-HUF75344G3 Datasheet
135Kb / 9P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
314Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com