Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG842 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG842
Description  Single SPST Switches in SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG842 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG842_15 Datasheet HTML 7Page - Analog Devices ADG842_15 Datasheet HTML 8Page - Analog Devices ADG842_15 Datasheet HTML 9Page - Analog Devices ADG842_15 Datasheet HTML 10Page - Analog Devices ADG842_15 Datasheet HTML 11Page - Analog Devices ADG842_15 Datasheet HTML 12Page - Analog Devices ADG842_15 Datasheet HTML 13Page - Analog Devices ADG842_15 Datasheet HTML 14Page - Analog Devices ADG842_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG841/ADG842
Rev. 0 | Page 11 of 16
TERMINOLOGY
IDD
Positive supply current.
VD (VS)
Analog voltage on Terminals D and S.
RON
Ohmic resistance between D and S.
RFLAT (ON)
Flatness is the difference between the maximum and minimum
value of on resistance as measured over the specified analog
signal range.
IS (OFF)
Source leakage current with the switch off.
ID (OFF)
Drain leakage current with the switch off.
ID, IS (ON)
Channel leakage current with the switch on.
VINL
Maximum input voltage for Logic 0.
VINH
Minimum input voltage for Logic 1.
IINL (IINH)
Input current of the digital input.
CS (OFF)
Off switch source capacitance. Measured with reference to
ground.
CD (OFF)
Off switch drain capacitance. Measured with reference to
ground.
CD, CS (ON)
On switch capacitance. Measured with reference to ground.
CIN
Digital input capacitance.
tON
Delay time between the 50% and the 90% points of the digital
input and switch on condition.
tOFF
Delay time between the 50% and the 90% points of the digital
input and switch off condition.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during on-off switching.
Off Isolation
A measure of unwanted signal coupling through an off switch.
−3 dB Bandwidth
The frequency at which the output is attenuated by 3 dB.
On Response
The frequency response of the on switch.
Insertion Loss
The loss due to the on resistance of the switch.
THD + N
The ratio of the harmonics amplitude plus noise of a signal to
the fundamental.
PSRR
Power Supply Rejection Ratio. This is a measure of the coupling
of unwanted ac signals on the power supply to the switch output
when the supply is not decoupled.


Similar Part No. - ADG842_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG842YKSZ-500RL7 AD-ADG842YKSZ-500RL7 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG842YKSZ-REEL AD-ADG842YKSZ-REEL Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
More results

Similar Description - ADG842_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG841 AD-ADG841_15 Datasheet
553Kb / 16P
   Single SPST Switches in SC70
REV. 0
logo
Maxim Integrated Produc...
MAX4715-MAX4716 MAXIM-MAX4715-MAX4716 Datasheet
199Kb / 8P
   0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4715-MAX4716 MAXIM-MAX4715-MAX4716 Datasheet
199Kb / 8P
   0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4715 MAXIM-MAX4715 Datasheet
199Kb / 8P
   0.4?? Low-Voltage, Single-Supply SPST Analog Switches in SC70
Rev 0; 4/01
MAX4715 MAXIM-MAX4715_V01 Datasheet
1Mb / 9P
   0.4廓, Low-Voltage, Single-Supply SPST Analog Switches in SC70
2021
logo
Analog Devices
ADG741 AD-ADG741 Datasheet
118Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV. 0
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
logo
Maxim Integrated Produc...
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
   3??Single SPST Analog Switches
Rev 0; 7/00
logo
Analog Devices
ADG602 AD-ADG602_15 Datasheet
327Kb / 12P
   SPST Switches
REV. C
logo
BOWEI Integrated Circui...
SW101 BOWEI-SW101 Datasheet
102Kb / 1P
   SPST Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com