Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-0547RH Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS-0547RH
Description  Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-0547RH Datasheet(HTML) 3 Page - Intersil Corporation

  HS-0547RH Datasheet HTML 1Page - Intersil Corporation HS-0547RH Datasheet HTML 2Page - Intersil Corporation HS-0547RH Datasheet HTML 3Page - Intersil Corporation HS-0547RH Datasheet HTML 4Page - Intersil Corporation HS-0547RH Datasheet HTML 5Page - Intersil Corporation HS-0547RH Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Switching Waveforms
FIGURE 1. ACCESS TIME
FIGURE 2. BREAK-BEFORE-MAKE DELAY (tOPEN)
FIGURE 3. ENABLE DELAY tON(EN), tOFF(EN)
ADDRESS
DRIVE (VA)
OUTPUT A
VAH = 4.0
0V
-10V
-8V
+10V
50%
tA
EN
VAH
OUT
IN 1
10K
IN 16
IN 2 THRU IN 15
GND
VA
A3
A2
A1
VOUT
A0
10V
±10V
200ns/DIV
VA INPUT
2V/DIV.
OUTPUT A
5V/DIV.
CH1 ON
CH16 ON
50%
0V
ADDRESS
DRIVE (VA)
50%
VAH = 4.0
tOPEN
OUTPUT
VAH
OUT
+5V
IN 1
1K
IN 16
IN 2 THRU IN 15
GND
VA
VOUT
EN
A3
A1
A0
A2
VA INPUT
2V/DIV.
OUTPUT
1V/DIV.
100ns/DIV
0V
OUTPUT
50%
90%
90%
VAH = 4.0
tON(EN)
(EN)
tOFF
+10V
IN 2 THRU IN 16
GND
OUT
IN 1
1K
VA
EN
A3
A2
A1
A0
OUTPUT
4V/DIV.
100ns/DIV
CH1 OFF
CH1 ON
HS-0546RH, HS-0547RH


Similar Part No. - HS-0547RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0547RH INTERSIL-HS-0547RH Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
More results

Similar Description - HS-0547RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
logo
Renesas Technology Corp
HI-548 RENESAS-HI-548 Datasheet
794Kb / 15P
   Single 8/Differential 4-Channel CMOS Analog Multiplexers with Active Overvoltage Protection
April 9, 2012
logo
Intersil Corporation
HS-0508RH INTERSIL-HS-0508RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
logo
Harris Corporation
HI-506L HARRIS-HI-506L Datasheet
448Kb / 9P
   Single 16/Differential 8 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
HI3-506L HARRIS-HI3-506L Datasheet
458Kb / 9P
   Single 16/Differential 8 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
logo
Intersil Corporation
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com