Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG936R Datasheet(PDF) 6 Page - Analog Devices

Part # ADG936R
Description  CMOS, 1.65 V to 2.75 V, Dual SPDT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936R Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG936R_15 Datasheet HTML 2Page - Analog Devices ADG936R_15 Datasheet HTML 3Page - Analog Devices ADG936R_15 Datasheet HTML 4Page - Analog Devices ADG936R_15 Datasheet HTML 5Page - Analog Devices ADG936R_15 Datasheet HTML 6Page - Analog Devices ADG936R_15 Datasheet HTML 7Page - Analog Devices ADG936R_15 Datasheet HTML 8Page - Analog Devices ADG936R_15 Datasheet HTML 9Page - Analog Devices ADG936R_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
ADG936/ADG936-R
Rev. B | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
VDD
GND
RF1A
GND
GND
RF1B
GND
GND
INA
GND
RF2A
GND
GND
RF2B
GND
ADG936
ADG936-R
TOP VIEW
(Not to Scale)
RFCA
9
10
12
11
GND
RFCB
INB
GND
NOTES
1. EXPOSED PAD TIED TO SUBSTATE, GND.
14
13
12
1
3
4
RF2A
15 GND
GND
GND
11 RF2B
GND
GND
2
RF1A
GND
5
RF1B
ADG936
ADG936-R
TOP VIEW
(Not to Scale)
Figure 5. 20-Lead TSSOP (RU-20)
Figure 6. 20-Lead 4 mm × 4 mm LFCSP (CP-20-1)
Table 4. Pin Function Descriptions
Pin No.
20-Lead
TSSOP
20-Lead
LFCSP
Mnemonic
Description
1
18
RFCA
Common RF Port for Switch A.
2
19
VDD
Power Supply Input. These parts can operate from 1.65 V to 2.75 V. VDD should be decoupled
to GND.
3, 5, 6, 8, 9,
11, 13, 15,
16, 18, 20
1, 3, 4, 6, 7,
9, 12, 13,
15, 17, 20
GND
Ground Reference Point for All Circuitry on the Part.
4
2
RF1A
RF1A Port.
7
5
RF1B
RF1B Port.
10
8
RFCB
Common RF Port for Switch B.
12
10
INB
Logic Control Input.
14
11
RF2B
RF2B Port.
17
14
RF2A
RF2A Port.
19
16
INA
Logic Control Input.
EP
EP
Exposed Pad. The exposed pad must be tied to substrate, GND.


Similar Part No. - ADG936R_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG936BCP AD-ADG936BCP Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG936BCP-500RL7 AD-ADG936BCP-500RL7 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG936BCP-R AD-ADG936BCP-R Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG936BCP-R-500RL7 AD-ADG936BCP-R-500RL7 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
More results

Similar Description - ADG936R_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com