Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1204 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG1204
Description  Low Capacitance, Low Charge Injection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1204 Datasheet(HTML) 3 Page - Analog Devices

  ADG1204_15 Datasheet HTML 1Page - Analog Devices ADG1204_15 Datasheet HTML 2Page - Analog Devices ADG1204_15 Datasheet HTML 3Page - Analog Devices ADG1204_15 Datasheet HTML 4Page - Analog Devices ADG1204_15 Datasheet HTML 5Page - Analog Devices ADG1204_15 Datasheet HTML 6Page - Analog Devices ADG1204_15 Datasheet HTML 7Page - Analog Devices ADG1204_15 Datasheet HTML 8Page - Analog Devices ADG1204_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG1204
Rev. B | Page 3 of 16
SPECIFICATIONS
DUAL SUPPLY
VDD = 15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Y Version1
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance (RON)
120
Ω typ
VS = ±10 V, IS = −1 mA; see Figure 21
190
230
260
Ω max
VDD = +13.5 V, VSS = −13.5 V
On Resistance Match Between
3.5
Ω typ
VS = ±10 V, IS = −1 mA
Channels (ΔRON)
6
10
12
Ω max
On Resistance Flatness (RFLAT(ON))
20
Ω typ
VS = −5 V, 0 V, +5 V; IS = −1 mA
57
72
79
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = −16.5 V
Source Off Leakage, IS (OFF)
±0.02
nA typ
VS = ±10 V, VD =
10 V; see Figure 22
±0.1
±0.6
±1
nA max
Drain Off Leakage, ID (OFF)
±0.02
nA typ
VS = ±10 V, VD =
10 V; see Figure 22
±0.1
±0.6
±1
nA max
Channel On Leakage, ID, IS (ON)
±0.02
nA typ
VS = VD = ±10 V; see Figure 23
±0.2
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or INH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
Digital Input Capacitance, CIN
2.5
pF typ
DYNAMIC CHARACTERISTICS2
Transition Time, tTRANS
120
ns typ
RL = 300 Ω, CL = 35 pF
150
180
200
ns max
VS = 10 V; see Figure 24
tON (EN)
70
ns typ
RL = 300 Ω, CL = 35 pF
85
100
110
ns max
VS = 10 V; see Figure 26
tOFF (EN)
90
ns typ
RL = 300 Ω, CL = 35 pF
110
135
155
ns max
VS = 10 V; see Figure 26
Break-Before-Make Time Delay, tD
25
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 10 V; see Figure 25
Charge Injection
−0.7
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; see Figure 27
Off Isolation
85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 28
Channel-to-Channel Crosstalk
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 30
Total Harmonic Distortion + Noise
0.15
% typ
RL = 10 kΩ, 5 V rms, f = 20 Hz to 20 kHz;
see Figure 31
Bandwidth −3 dB
800
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 29
CS (OFF)
1.2
pF typ
f = 1 MHz, VS = 0 V
1.5
pF max
f = 1 MHz, VS = 0 V
CD (OFF)
3.6
pF typ
f = 1 MHz, VS = 0 V
4.2
pF max
f = 1 MHz, VS = 0 V
CD, CS (ON)
5.5
pF typ
f = 1 MHz, VS = 0 V
6.5
pF max
f = 1 MHz, VS = 0 V


Similar Part No. - ADG1204_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1204YCP AD-ADG1204YCP Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1204YCPZ-500RL7 AD-ADG1204YCPZ-500RL7 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1204YCPZ-REEL7 AD-ADG1204YCPZ-REEL7 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1204YRU AD-ADG1204YRU Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1204YRUZ AD-ADG1204YRUZ Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
More results

Similar Description - ADG1204_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212-EP AD-ADG1212-EP Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E Datasheet
399Kb / 20P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Rev. A, 11-Apr-16
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com