Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1206 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG1206
Description  Low Capacitance
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1206 Datasheet(HTML) 5 Page - Analog Devices

  ADG1206_15 Datasheet HTML 1Page - Analog Devices ADG1206_15 Datasheet HTML 2Page - Analog Devices ADG1206_15 Datasheet HTML 3Page - Analog Devices ADG1206_15 Datasheet HTML 4Page - Analog Devices ADG1206_15 Datasheet HTML 5Page - Analog Devices ADG1206_15 Datasheet HTML 6Page - Analog Devices ADG1206_15 Datasheet HTML 7Page - Analog Devices ADG1206_15 Datasheet HTML 8Page - Analog Devices ADG1206_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG1206/ADG1207
Rev. A | Page 5 of 20
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.1
Table 2.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
On Resistance, RON
300
Ω typ
VS = 0 V to10 V, IS = −1 mA; see Figure 28
475
567
625
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between
Channels, ∆RON
5
Ω typ
VS = 0 V to 10 V, IS = −1 mA
16
26
27
Ω max
On Resistance Flatness, RFLAT (On)
60
Ω typ
VS = 3 V, 6 V, 9 V; IS = −1 mA
LEAKAGE CURRENTS
VDD = 13.2 V
Source Off Leakage, IS (Off )
±0.02
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 29
±0.2
±0.6
±1
nA max
Drain Off Leakage, ID (Off )
±0.05
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 29
±0.2
±0.6
±2
nA max
Channel On Leakage, ID, IS (On)
±0.08
nA typ
VS = VD = 1 V or 10 V; see Figure 30
±0.2
±0.6
±2
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
±0.001
μA typ
±0.1
μA max
VIN = VINL or VINH
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS2
Transition Time, tTRANSITION
100
ns typ
RL = 300 Ω, CL = 35 pF
140
175
200
ns max
VS = 8 V; see Figure 31
tON (EN)
80
ns typ
RL = 300 Ω, CL = 35 pF
100
120
130
ns max
VS = 8 V; see Figure 33
tOFF (EN)
90
ns typ
RL = 300 Ω, CL = 35 pF
110
130
155
ns max
VS = 8 V; see Figure 33
Break-Before-Make Time Delay, tBBM
25
ns typ
RL = 300 Ω, CL = 35 pF
15
ns min
VS1 = VS2 = 8 V; see Figure 32
Charge Injection
0.2
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see Figure 34
Off Isolation
−85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 35
Channel-to-Channel Crosstalk
−85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 37
−3 dB Bandwidth ADG1206
185
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 36
−3 dB Bandwidth ADG1207
300
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 36
CS (Off )
1.5
pF typ
f = 1 MHz, VS = 6 V
2
pF max
f = 1 MHz, VS = 6 V
CD (Off ) ADG1206
13
pF typ
f = 1 MHz, VS = 6 V
15
pF max
f = 1 MHz, VS = 6 V
CD (Off ) ADG1207
9
pF typ
f = 1 MHz, VS = 6 V
11
pF max
f = 1 MHz, VS = 6 V
CD, CS (On) ADG1206
15
pF typ
f = 1 MHz, VS = 6 V
17
pF max
f = 1 MHz, VS = 6 V
CD, CS (On) ADG1207
10
pF typ
f = 1 MHz, VS = 6 V
12
pF max
f = 1 MHz, VS = 6 V


Similar Part No. - ADG1206_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
   Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1206LYCPZ-REEL7 AD-ADG1206LYCPZ-REEL7 Datasheet
1,003Kb / 23P
   Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1206YCPZ-REEL7 AD-ADG1206YCPZ-REEL7 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1206YRUZ AD-ADG1206YRUZ Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1206YRUZ-REEL7 AD-ADG1206YRUZ-REEL7 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
More results

Similar Description - ADG1206_15

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSLCXX01CW YEASHIN-YSLCXX01CW Datasheet
741Kb / 3P
   LOW CAPACITANCE
logo
Shanghai Semitech Semic...
SLVU2.8-4 SEMITECH-SLVU2.8-4 Datasheet
256Kb / 6P
   Low capacitance
logo
Yea Shin Technology Co....
YSLC3304CP8 YEASHIN-YSLC3304CP8 Datasheet
900Kb / 3P
   LOW CAPACITANCE
logo
M/A-COM Technology Solu...
MPN1XXX-12 MA-COM-MPN1XXX-12 Datasheet
474Kb / 3P
   Low Capacitance
logo
STMicroelectronics
SCT30N120 STMICROELECTRONICS-SCT30N120 Datasheet
800Kb / 13P
   Low capacitance
June 2016 Rev 10
logo
Shanghai Semitech Semic...
MSQA6V1W5 SEMITECH-MSQA6V1W5 Datasheet
131Kb / 3P
   Low Capacitance
logo
Semtech Corporation
RCLAMP0501T SEMTECH-RCLAMP0501T Datasheet
113Kb / 6P
   Low Capacitance
logo
Shanghai Semitech Semic...
SLVU2.8-8 SEMITECH-SLVU2.8-8 Datasheet
372Kb / 7P
   Low capacitance
SLVU2.8 SEMITECH-SLVU2.8 Datasheet
321Kb / 7P
   Low Capacitance
NZQA6V8AXV5 SEMITECH-NZQA6V8AXV5 Datasheet
112Kb / 3P
   Low Capacitance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com