Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA5910 Datasheet(PDF) 8 Page - Protek Devices

Part # PA5910
Description  SWITCHING TYPE LED DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5910 Datasheet(HTML) 8 Page - Protek Devices

  PA5910_15 Datasheet HTML 1Page - Protek Devices PA5910_15 Datasheet HTML 2Page - Protek Devices PA5910_15 Datasheet HTML 3Page - Protek Devices PA5910_15 Datasheet HTML 4Page - Protek Devices PA5910_15 Datasheet HTML 5Page - Protek Devices PA5910_15 Datasheet HTML 6Page - Protek Devices PA5910_15 Datasheet HTML 7Page - Protek Devices PA5910_15 Datasheet HTML 8Page - Protek Devices PA5910_15 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
8
PA5910
Switching Type LED Driver.
95220 Rev.0. 04/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Setting LED Output
When the buck converter topology is used, the peak current sense (CS) is a good representation of the average
current of the LED. There is a certain error associated with this CS method that needs to be accounted for. The
error is introduced by the difference between the the peak and average current in the inductor:
L
L
CS
I
I
mV
R
Δ
+
=
5
.
0
250
e.g. If the peak-to-peak ripple current in the inductor is 10.5mA, to maintain a 350mA LED current, the sense
resistor should be 0.7
LED Brightness.
There are two methods of adjusting the brightness of the LED’s.
1. Changing the resistance of RCS the lower the resistance the higher the brightness.
2. PWM dimming. The brightness of the LED’s is controlled by varying the duty ratio of the output current.
This is achieved by applying a PWM signal at the EN (pin 2).


Similar Part No. - PA5910_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA5910 PROTEC-PA5910 Datasheet
233Kb / 9P
   Switching Type LED Driver.
More results

Similar Description - PA5910_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA5910 PROTEC-PA5910 Datasheet
233Kb / 9P
   Switching Type LED Driver.
logo
KODENSHI_AUK CORP.
SN8500D KODENSHI-SN8500D Datasheet
349Kb / 10P
   Switching Type (Buck) LED Driver IC
logo
Mean Well Enterprises C...
SLD-150 MEANWELL-SLD-150 Datasheet
126Kb / 6P
   150W Slim type low profile Switching Power Supply / LED Driver
2023-02-24
logo
ELM Technology Corporat...
ELM915BA ELM-TECH-ELM915BA Datasheet
635Kb / 6P
   54V 1A switching LED driver
ELM915BA ELM-TECH-ELM915BA_17 Datasheet
1Mb / 5P
   50V 1A switching LED driver
logo
ELM Electronics
ELM915BA ELM-ELM915BA Datasheet
669Kb / 6P
   50V 1A switching LED driver
logo
Total Power Internation...
TPLBU19 TOTAL-POWER-TPLBU19 Datasheet
154Kb / 2P
   19W LED Driver Switching Power Supplies
logo
Rohm
BP5801 ROHM-BP5801 Datasheet
65Kb / 7P
   High efficiency switching-type motor driver
BP5807 ROHM-BP5807 Datasheet
73Kb / 6P
   High efficiency switching-type motor driver
logo
Linkage Goston Electron...
LNK512 LINKAGE-LNK512 Datasheet
2Mb / 10P
   Non-IsolatIon drop type LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com