Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-143-AMC-143 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-143-AMC-143
Description  Low Noise Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-143-AMC-143 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-143-AMC-143_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-143-AMC-143_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-143-AMC-143_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Noise Amplifier, 16 dB Gain,
5 - 500 MHz
Rev. V4
AM-143 / AMC-143
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2, TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
15.3
15.8
16.3
Frequency Response
dB
±1.0
Gain Variation with
Temperature
dB
±0.8
1 dB Compression
Output Power
dBm
+4
Noise Figure
dB
3.5
2.7
Reverse Transmission
dB
-21
-16
VSWR
Ratio
2.5:1
Output IP2
Two-Tone inputs up to -10 dBm
dBm
+24
Output IP3
Two-Tone inputs up to -10 dBm
dBm
+16
Vbias
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
13
15
Power Dissipation
@ +15 V Bias
mW
200
Frequency
50 MHz
5 - 500 MHz
5 - 500 MHz
5 - 500 MHz
5 - 500 MHz
5 - 100 MHz
5 - 500 MHz
5 - 500 MHz
5 - 500 MHz
5 - 500 MHz
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
5
0.20/-60.7
5.90/-161.0
0.09/-160.5
0.32/-24.9
10
0.12/-63.8
6.07/-171.8
0.09/-172.6
0.27/-24.9
20
0.09/-65.3
6.16/-179.8
0.10/178.9
0.26/-17.4
50
0.10/-82.7
6.08/167.5
0.10/166.3
0.25/-28.0
100
0.14/-101.0
6.06/153.3
0.10/150.5
0.26/-49.3
200
0.21/-130.6
6.00/126.7
0.10/119.8
0.26/-82.3
300
0.23/-149.2
6.01/100.9
0.10/93.6
0.24/-104.5
400
0.20/-155.5
6.09/70.7
0.10/67.4
0.22/-100.5
500
0.22/-142.9
6.11/36.8
0.10/43.3
0.20/-79.8
S-Parameter Data


Similar Part No. - AM-143-AMC-143_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
   Low Noise Amplifier, 16 dB Gain
More results

Similar Description - AM-143-AMC-143_15

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com