Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS2672 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDS2672
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDS2672 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FDS2672 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDS2672 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDS2672 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDS2672 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd FDS2672 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
FDS2672 (KDS2672)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
200
V
VDS=160V, VGS=0V
1
VDS=160V, VGS=0V, TJ=55℃
10
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA (Note.1)
2
2.9
4
V
VGS=10V, ID=3.9A
59
70
VGS=6V, ID=3.5A
63
80
VGS=10V, ID=3.9A TJ=125℃
124
148
Forward Transconductance
gFS
VDS=10V, ID=3.9A
(Note.1)
15
S
Input Capacitance
Ciss
1905 2535
Output Capacitance
Coss
100
135
Reverse Transfer Capacitance
Crss
30
45
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1MHz
0.7
Ω
Total Gate Charge
Qg
33
46
Gate Source Charge
Qgs
11
Gate Drain Charge
Qgd
7
Turn-On DelayTime
td(on)
22
35
Turn-On Rise Time
tr
10
20
Turn-Off DelayTime
td(off)
35
56
Turn-Off Fall Time
tf
10
20
Body Diode Reverse Recovery Time
trr
67
101
Body Diode Reverse Recovery Charge
Qrr
179
269
nC
Maximum Body-Diode Continuous Current
IS
3.9
A
Diode Forward Voltage
VSD
IS=3.9A,VGS=0V
0.75
1.2
V
VGS=0V, VDS=100V, f=1MHz
VDS=100V, ID=3.9A
IF= 3.9A, dI/dt= 100A/μs
pF
nC
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
VGS=10V, VDS=100V, ID=3.9A,RG=6Ω
RDS(On)
Static Drain-Source On-Resistance
(Note.1)
Note.1: Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0%.


Similar Part No. - FDS2672

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS2672 FAIRCHILD-FDS2672 Datasheet
412Kb / 6P
   N-Channel UltraFET Trench짰 MOSFET 200V, 3.9A, 70m?
FDS2672 FAIRCHILD-FDS2672_10 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench짰 MOSFET
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench MOSFET
More results

Similar Description - FDS2672

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com