Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS7B-1212RH-Q Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS7B-1212RH-Q
Description  Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS7B-1212RH-Q Datasheet(HTML) 3 Page - Intersil Corporation

  HS7B-1212RH-Q Datasheet HTML 1Page - Intersil Corporation HS7B-1212RH-Q Datasheet HTML 2Page - Intersil Corporation HS7B-1212RH-Q Datasheet HTML 3Page - Intersil Corporation HS7B-1212RH-Q Datasheet HTML 4Page - Intersil Corporation HS7B-1212RH-Q Datasheet HTML 5Page - Intersil Corporation HS7B-1212RH-Q Datasheet HTML 6Page - Intersil Corporation HS7B-1212RH-Q Datasheet HTML 7Page - Intersil Corporation HS7B-1212RH-Q Datasheet HTML 8Page - Intersil Corporation HS7B-1212RH-Q Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Terminated microstrip signal lines are recommended at the
input and output of the device. Capacitance directly on the
output must be minimized, or isolated as discussed in the
next section.
An example of a good high frequency layout is the
Evaluation Board shown in Figure 3.
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly
terminated transmission line will degrade the amplifier’s
phase margin resulting in frequency response peaking and
possible oscillations. In most cases, the oscillation can be
avoided by placing a resistor (RS) in series with the output
prior to the capacitance.
Figure 1 details starting points for the selection of this
resistor. The points on the curve indicate the RS and CL
combinations for the optimum bandwidth, stability, and
settling time, but experimental fine tuning is recommended.
Picking a point above or to the right of the curve yields an
overdamped response, while points below or left of the curve
indicate areas of underdamped performance.
RS and CL form a low pass network at the output, thus
limiting system bandwidth well below the amplifier bandwidth
of 350MHz. By decreasing RS as CL increases (as
illustrated in the curves), the maximum bandwidth is
obtained without sacrificing stability. In spite of this,
bandwidth decreases as the load capacitance increases.
Evaluation Board
The performance of the HS-1212RH may be evaluated using
the HA5023 Evaluation Board, slightly modified as follows:
1. Remove the two feedback resistors, and leave the
connections open.
2. a. For AV = +1 evaluation, remove the gain setting
resistors (R1), and leave pins 2 and 6 floating.
b. For AV = +2, replace the gain setting resistors (R1)
with 0
Ω resistors to GND.
The modified schematic for amplifier 1, and the board layout
are shown in Figures 2 and 3.
To order evaluation boards (part number HA5023EVAL),
please contact your local sales office.
TABLE 1. UNITY GAIN PERFORMANCE FOR VARIOUS IMPLEMENTATIONS
APPROACH
PEAKING (dB)
BW (MHz)
±0.1dB GAIN FLATNESS (MHz)
Remove -IN Pin
4.5
430
21
+RS = 620Ω
0
220
27
+RS = 620Ω and Remove -IN Pin
0.5
215
15
Short +IN to -IN (e.g., Pins 2 and 3)
0.6
280
70
100pF Capacitor Between +IN and -IN
0.7
290
40
0
100
200
300
400
0
10
20
30
40
50
LOAD CAPACITANCE (pF)
AV =+2
150
250
350
50
AV =+1
FIGURE 1. RECOMMENDED SERIES RESISTOR vs LOAD
CAPACITANCE
−5V
10
µF
0.1
µF
50
GND
GND
R 1
+5V
0.1
µF
10
µF
50
IN
OUT
(A
V =+1)
OR 0
Ω (AV =+2)
NOTE: R1 =
FIGURE 2. MODIFIED EVALUATION BOARD SCHEMATIC
+
(NOTE)
1
2
3
4
8
7
6
5
HS-1212RH


Similar Part No. - HS7B-1212RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS7B-1100RH-Q INTERSIL-HS7B-1100RH-Q Datasheet
132Kb / 11P
   Radiation Hardened, Ultra High Speed Current Feedback Amplifier
HS7B-1135RH-Q INTERSIL-HS7B-1135RH-Q Datasheet
63Kb / 5P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
HS7B-1135RH/PROTO INTERSIL-HS7B-1135RH/PROTO Datasheet
258Kb / 9P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
HS7B-1145RH-Q INTERSIL-HS7B-1145RH-Q Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS7B-1145RH-Q INTERSIL-HS7B-1145RH-Q Datasheet
324Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
More results

Similar Description - HS7B-1212RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
   Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com