Electronic Components Datasheet Search |
|
IRLML0100 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd |
|
IRLML0100 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd |
2 / 5 page SMD Type www.kexin.com.cn 2 MOSFET N-Channel MOSFET IRLML0100 (KRLML0100) ■ Electrical Characteristics Ta = 25℃ Parameter Symbol Test Conditions Min Typ Max Unit Drain-Source Breakdown Voltage VDSS ID=250μA, VGS=0V 100 V VDS=100V, VGS=0V 20 VDS=100V, VGS=0V, TJ=125℃ 250 Gate-Body Leakage Current IGSS VDS=0V, VGS=±16V ± 100 nA Gate Threshold Voltage VGS(th) VDS=VGS , ID=250μA 1 2.5 V VGS=4.5V, ID=1.3A 190 235 VGS=10V, ID=1.6A 178 220 Forward Transconductance gFS VDS=50V, ID=1.6A 5.7 S Input Capacitance Ciss 290 Output Capacitance Coss 27 Reverse Transfer Capacitance Crss 13 Gate Resistance Rg 1.3 Ω Total Gate Charge Qg 2.5 Gate Source Charge Qgs 0.5 Gate Drain Charge Qgd 1.2 Turn-On DelayTime td(on) 2.2 Turn-On Rise Time tr 2.1 Turn-Off DelayTime td(off) 9 Turn-Off Fall Time tf 3.6 Body Diode Reverse Recovery Time trr 20 30 Body Diode Reverse Recovery Charge Qrr 13 20 nC Maximum Body-Diode Continuous Current IS 1.1 Pulsed Source Current ISM (Note.2) 7 Diode Forward Voltage VSD IS=1.1A,VGS=0V,TJ = 25℃ (Note.1) 1.3 V A ns Zero Gate Voltage Drain Current IDSS μ A mΩ VGS=4.5V, VDS=50V, ID=1A,RGEN=6.8Ω RDS(On) Static Drain-Source On-Resistance (Note.1) VR=50V,IF= 1.1A, dI/dt= 100A/μs , TJ = 25℃ (Note.1) VGS=0V, VDS=25V, f=1MHz VGS=4.5V, VDS=50V, ID=1.6A pF nC Note.1: Pulse width ≤ 400μs; duty cycle ≤ 2%. Note.2:Repetitive rating; pulse width limited by max. junction temperature. ■ Marking Marking 1K** |
Similar Part No. - IRLML0100 |
|
Similar Description - IRLML0100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |