Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1B-1412RH-Q Datasheet(PDF) 6 Page - Intersil Corporation

Part # HS1B-1412RH-Q
Description  Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1B-1412RH-Q Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HS1B-1412RH-Q Datasheet HTML 2Page - Intersil Corporation HS1B-1412RH-Q Datasheet HTML 3Page - Intersil Corporation HS1B-1412RH-Q Datasheet HTML 4Page - Intersil Corporation HS1B-1412RH-Q Datasheet HTML 5Page - Intersil Corporation HS1B-1412RH-Q Datasheet HTML 6Page - Intersil Corporation HS1B-1412RH-Q Datasheet HTML 7Page - Intersil Corporation HS1B-1412RH-Q Datasheet HTML 8Page - Intersil Corporation HS1B-1412RH-Q Datasheet HTML 9Page - Intersil Corporation HS1B-1412RH-Q Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FIGURE 16. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
FIGURE 17. FULL POWER BANDWIDTH
FIGURE 18. -3dB BANDWIDTH vs TEMPERATURE
FIGURE 19. GAIN FLATNESS
FIGURE 20. REVERSE ISOLATION (S12)
FIGURE 21. ALL HOSTILE CROSSTALK
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RL = 100Ω, Unless Otherwise Specified (Continued)
GAIN
PHASE
AV = -1
0.3
1
10
100
500
3
0
-3
-6
-90
0
90
180
FREQUENCY (MHz)
2.5VP-P
4VP-P
1VP-P
2.5VP-P
4VP-P
1VP-P
VOUT = 5VP-P
0.3
1
10
100
500
6
3
0
-3
FREQUENCY (MHz)
AV = +2
AV = +1
AV = -1
-6
-9
-12
-15
-18
-21
200
250
300
350
400
450
TEMPERATURE (oC)
-50
-25
0
25
50
75
100
125
AV = -1
AV = +1
AV = +2
1
10
100
0.4
0.3
0.2
0.1
FREQUENCY (MHz)
0
-0.1
-0.2
-0.3
-0.4
0.5
-0.5
VOUT = 200mVP-P
AV = +2
AV = -1
AV = +1
200
0.3
1
10
100
500
-45
-50
-55
-60
FREQUENCY (MHz)
AV = +2
AV = -1
AV = +1
-65
-70
-75
-80
-85
-90
-40
0.3
1
10
100
-10
-20
-30
-40
FREQUENCY (MHz)
-50
-60
-70
-80
-90
0
RL = 100Ω
RL =
HS-1412RH


Similar Part No. - HS1B-1412RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1B-1245RH-Q INTERSIL-HS1B-1245RH-Q Datasheet
44Kb / 4P
   Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
More results

Similar Description - HS1B-1412RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1212RH INTERSIL-HS-1212RH Datasheet
107Kb / 9P
   Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com