Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-2400 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-2400
Description  Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-2400 Datasheet(HTML) 1 Page - Intersil Corporation

  HS-2400 Datasheet HTML 1Page - Intersil Corporation HS-2400 Datasheet HTML 2Page - Intersil Corporation HS-2400 Datasheet HTML 3Page - Intersil Corporation HS-2400 Datasheet HTML 4Page - Intersil Corporation HS-2400 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
File Number
4027.1
HS-2400RH
Radiation Hardened PRAM Four Channel
Programmable Operational Amplifier
HS-2400RH is a four-channel programmable amplifier
providing a level of versatility unsurpassed by any other
monolithic operational amplifier. Versatility is achieved by
employing four input amplifier channels, any one (or none) of
which may be electronically selected and connected to a
single output stage through DTL/TTL compatible address
inputs. The device formed by the output and the selected
pair of inputs is an op amp which delivers excellent slew rate,
gain bandwidth and power bandwidth performance. Other
advantageous features for these dielectrically isolated
amplifiers include high voltage gain and input impedance
coupled with low input offset voltage and offset current.
External compensation is not required on this device at
closed loop gains greater than 10.
Each channel of the HS-2400RH can be controlled and
operated with suitable feedback networks in any of the
standard op amp configurations. This specialization makes
these amplifiers excellent components for multiplexing signal
selection and mathematical function designs. With 20V/
µs
slew rate, 20MHz gain bandwidth and low input bias currents
make these devices ideal building blocks for signal
generators, active filters and data acquisition designs.
Programmability, coupled with 9mV maximum offset voltage
and 50nA offset current, make these amplifiers outstanding
components for signal conditioning circuits.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95684. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-95684
• QML Qualified per MIL-PRF-38535 Requirements
• Total GAMMA Dose . . . . . . . . . . . . . . . . . . . .10k RAD(SI)
• Digital Programmability
• High Rate Slew
- Uncompensated . . . . . . . . . . . . . . . . . . . . . . 20V/
µs Min
- Compensated . . . . . . . . . . . . . . . . . . . . . . . . . 6V/
µs Min
• Wide Gain Bandwidth
- Uncompensated . . . . . . . . . . . . . . . . . . . . . .20MHz Min
- Compensated . . . . . . . . . . . . . . . . . . . . . . . . .4MHz Min
• High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50kV/V Min
• Low Offset Current . . . . . . . . . . . . . . . . . . . . . . .50nA Max
• Single Capacitor Compensation for Unity Gain
• DTL/TTL Compatible Inputs
Applications
• Signal Selection/Multiplexing
• Operational Amplifier Gain Stage
• Oscillator Frequency
• Filter Characteristics
• Add-Subtract Functions
• Integrator Characteristics
• Comparator Levels
Pinout
16 LEAD CERAMIC DUAL-IN-LINE FRIT SEAL PACKAGE
(CERDIP) MIL-STD-1835 GDIP-T16
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962D9568401VEA
HS1-2400RH-Q
-55 to 125
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
3
OUTPUT AMP
ENABLE
D0
D1
GND
COMP
V+
OUT
V-
2
+IN3
-IN3
+IN4
-IN4
-IN1
+IN1
+IN2
-IN2
DECODE
CONTROL
-
+
1
-
+
4
+
-
3
+
-
Data Sheet
September 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HS-2400

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
More results

Similar Description - HS-2400

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
   Low Power, Radiation Hardened Programmable Operational Amplifier
HA-2400 INTERSIL-HA-2400 Datasheet
86Kb / 7P
   40MHz, PRAM Four Channel Programmable Amplifiers
November 1996
HA-2404 INTERSIL-HA-2404 Datasheet
304Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
logo
Renesas Technology Corp
HA-2404 RENESAS-HA-2404 Datasheet
546Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
August 2003
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
logo
Intersil Corporation
HS-2510RH INTERSIL-HS-2510RH Datasheet
86Kb / 7P
   Radiation Hardened High Slew Rate Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
logo
Renesas Technology Corp
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com