Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-246RH Datasheet(PDF) 8 Page - Intersil Corporation

Part # HS-246RH
Description  Radiation Hardened Triple Line(party-Line) Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-246RH Datasheet(HTML) 8 Page - Intersil Corporation

  HS-246RH Datasheet HTML 1Page - Intersil Corporation HS-246RH Datasheet HTML 2Page - Intersil Corporation HS-246RH Datasheet HTML 3Page - Intersil Corporation HS-246RH Datasheet HTML 4Page - Intersil Corporation HS-246RH Datasheet HTML 5Page - Intersil Corporation HS-246RH Datasheet HTML 6Page - Intersil Corporation HS-246RH Datasheet HTML 7Page - Intersil Corporation HS-246RH Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
45 mils x 47 mils x 11 mils
1140
µm x 1190µm x 280µm
INTERFACE MATERIALS:
Glassivation:
Type: Silox
Thickness: 8k
Å
±1kÅ
Top Metallization:
Type: T.W.
Thickness: 2.5k
Å
±0.5kÅ
Type: Al
Thickness: 14k
Å
±2kÅ
Substrate:
ALPS Bipolar/Dielectric Isolation
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Unbiased
ADDITIONAL INFORMATION:
Worst Case Current Density:
1.4 x 105 A/cm2
Transistor Count:
9
Metallization Mask Layout
HS-246RH
HS-248RH
OUTPUT R1
(-) INPUT
(+) INPUT
VEE R1 AND R2
VEE R3
OUTPUT R3
3
VEE R1 AND R2
VEE R3
OUTPUT R3
OUTPUT R1
(-) INPUT
(+) INPUT
HS-246RH, HS-248RH


Similar Part No. - HS-246RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-246RH INTERSIL-HS-246RH Datasheet
227Kb / 8P
   Radiation Hardened Triple Line Transmitter
logo
Renesas Technology Corp
HS-246RH RENESAS-HS-246RH Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
More results

Similar Description - HS-246RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-245RH INTERSIL-HS-245RH_03 Datasheet
227Kb / 8P
   Radiation Hardened Triple Line Transmitter
logo
Renesas Technology Corp
HS-245RH RENESAS-HS-245RH Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
   Radiation Hardened Quad Differential Line Driver
5962F-9568901VXC INTERSIL-5962F-9568901VXC Datasheet
227Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C32RH INTERSIL-HS-26C32RH Datasheet
159Kb / 4P
   Radiation Hardened Quad Differential Line Receiver
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com