Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS7-2510RH-Q Datasheet(PDF) 7 Page - Intersil Corporation

Part # HS7-2510RH-Q
Description  Radiation Hardened High Slew Rate Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS7-2510RH-Q Datasheet(HTML) 7 Page - Intersil Corporation

  HS7-2510RH-Q Datasheet HTML 1Page - Intersil Corporation HS7-2510RH-Q Datasheet HTML 2Page - Intersil Corporation HS7-2510RH-Q Datasheet HTML 3Page - Intersil Corporation HS7-2510RH-Q Datasheet HTML 4Page - Intersil Corporation HS7-2510RH-Q Datasheet HTML 5Page - Intersil Corporation HS7-2510RH-Q Datasheet HTML 6Page - Intersil Corporation HS7-2510RH-Q Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
65 mils x 57 mils x 19 mils
(1660
µm x 1950µm x 483µm)
INTERFACE MATERIALS:
Glassivation:
Type: Nitride
Thickness: 7k
Å
±0.7kÅ
Top Metallization:
Type: Aluminum
Thickness: 16k
Å
±2kÅ
Substrate:
Linear Bipolar, DI
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential (Powered Up):
Unbiased
ADDITIONAL INFORMATION:
Worst Case Current Density:
<2 x 105A/cm2
Transistor Count:
40
Die Attach:
Temperature: CERDIP 460oC (Max)
Metallization Mask Layout
HS-2510RH
V+
OUT
BAL
V-
+IN
-IN
BAL
COMP
HS-2510RH


Similar Part No. - HS7-2510RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS7-2520RH-Q INTERSIL-HS7-2520RH-Q Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS7-2520RH-Q INTERSIL-HS7-2520RH-Q Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
More results

Similar Description - HS7-2510RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com