Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS2-2520RH-Q Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS2-2520RH-Q
Description  Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS2-2520RH-Q Datasheet(HTML) 1 Page - Intersil Corporation

  HS2-2520RH-Q Datasheet HTML 1Page - Intersil Corporation HS2-2520RH-Q Datasheet HTML 2Page - Intersil Corporation HS2-2520RH-Q Datasheet HTML 3Page - Intersil Corporation HS2-2520RH-Q Datasheet HTML 4Page - Intersil Corporation HS2-2520RH-Q Datasheet HTML 5Page - Intersil Corporation HS2-2520RH-Q Datasheet HTML 6Page - Intersil Corporation HS2-2520RH-Q Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
3599.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
HS-2520RH
Radiation Hardened Uncompensated,
High Slew Rate Operational Amplifier
The HS-2520RH is a radiation hardened monolithic
operational amplifier which delivers an unsurpassed
combination of specifications for slew rate, bandwidth and
settling time. This dielectrically isolated amplifier is designed
for closed loop gains of 3 or greater without external
compensation. In addition, this high performance component
also provides low offset current and high input impedance.
The 100V/
µs (Min) slew rate and fast settling time of this
amplifier makes it an ideal component for pulse amplification
and data acquisition designs. To insure compliance with slew
rate and transient response specifications, all devices are
100% tested for AC performance characteristics over full
temperature. This device is a valuable component for RF
and video circuitry requiring wideband operation. For
accurate signal conditioning designs, the HS-2520RH
superior dynamic specifications are complemented by 25nA
(Max) offset current and offset voltage trim capability.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95685. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
Features
• Electrically Screened to SMD # 5962-95685
• QML Qualified per MIL-PRF-38535 Requirements
• High Slew Rate. . . . . . . . . . . .100V/
µs Min, 120V/µs (Typ)
• Wide Power Bandwidth . . . . . . . . . . . . . . . . 1.5MHz (Min)
• Wide Gain Bandwidth . . . . . . . 10MHz Min, 20MHz (Typ)
• High Input Impedance . . . . . . . . 50M
Ω Min, 100MΩ (Typ)
• Low Offset Current . . . . . . . . . . . . . 25nA Min, 10nA (Typ)
• Fast Settling (0.1% of 10V Step) . . . . . . . . . . 200ns (Typ)
• Low Quiescent Supply Current. . . . . . . . . . . . . 6mA (Max)
• Gamma Dose . . . . . . . . . . . . . . . . . . . . . . 1 x 104RAD(Si)
Applications
• Data Acquisition Systems
• RF Amplifiers
• Video Amplifiers
• Signal Generators
• Pulse Amplifiers
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
HS0-2520RH-Q
HS0-2520RH-Q
25
5962D9568501VGA
HS2-2520RH-Q
-55 to 125
5962D9568501VPA
HS7-2520RH-Q
-55 to 125
5962D9568501VPC
HS7B-2520RH-Q
-55 to 125
Pinouts
HS7-2520RH (CERDIP) GDIP1-T8
OR
HS7B-2520RH (SBDIP) CDIP2-T8
TOP VIEW
HS2-2520RH (CAN) MACY1-X8
TOP VIEW
1
2
3
4
8
7
6
5
COMP
V+
OUT
BAL
BAL
-IN
+IN
V-
+
COMP
OUT
IN-
V-
BAL
IN+
V+
BAL
2
4
6
1
3
7
5
8
-
+
Data Sheet
August 1999


Similar Part No. - HS2-2520RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS2-2520RH-Q INTERSIL-HS2-2520RH-Q Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
More results

Similar Description - HS2-2520RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2510RH INTERSIL-HS-2510RH Datasheet
86Kb / 7P
   Radiation Hardened High Slew Rate Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com