Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1207 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG1207
Description  Low Capacitance, 16 and 8 Channel
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1207 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG1207_15 Datasheet HTML 7Page - Analog Devices ADG1207_15 Datasheet HTML 8Page - Analog Devices ADG1207_15 Datasheet HTML 9Page - Analog Devices ADG1207_15 Datasheet HTML 10Page - Analog Devices ADG1207_15 Datasheet HTML 11Page - Analog Devices ADG1207_15 Datasheet HTML 12Page - Analog Devices ADG1207_15 Datasheet HTML 13Page - Analog Devices ADG1207_15 Datasheet HTML 14Page - Analog Devices ADG1207_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADG1206/ADG1207
Rev. A | Page 11 of 20
Table 7. ADG1207 Truth Table
A2
A1
A0
EN
On Switch Pair
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8


Similar Part No. - ADG1207_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1207L AD-ADG1207L Datasheet
1,003Kb / 23P
   Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1207LYCPZ-REEL7 AD-ADG1207LYCPZ-REEL7 Datasheet
1,003Kb / 23P
   Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1207YCPZ-REEL7 AD-ADG1207YCPZ-REEL7 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1207YRUZ AD-ADG1207YRUZ Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1207YRUZ-REEL7 AD-ADG1207YRUZ-REEL7 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
More results

Similar Description - ADG1207_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
logo
ON Semiconductor
CM1216 ONSEMI-CM1216 Datasheet
213Kb / 13P
   6 and 8-Channel Low Capacitance ESD Arrays
April 2010 ??Rev. 2
CM1216 ONSEMI-CM1216_11 Datasheet
149Kb / 7P
   6 and 8-Channel Low Capacitance ESD Arrays
February, 2011 ??Rev. 3
logo
California Micro Device...
CM1216 CALMIRCO-CM1216 Datasheet
392Kb / 9P
   6- and 8-Channel Low Capacitance ESD Arrays
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
logo
Analog Devices
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
   Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1230 ONSEMI-CM1230 Datasheet
325Kb / 16P
   2, 4, and 8-Channel Low-Capacitance ESD Protection Array
May 2010 ??Rev. 2
logo
California Micro Device...
CM1230 CALMIRCO-CM1230 Datasheet
352Kb / 11P
   2, 4 and 8-Channel Low Capacitance ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com