Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-307RH883S Datasheet(PDF) 6 Page - Intersil Corporation

Part # HS-307RH883S
Description  Radiation Hardened CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-307RH883S Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HS-307RH883S Datasheet HTML 2Page - Intersil Corporation HS-307RH883S Datasheet HTML 3Page - Intersil Corporation HS-307RH883S Datasheet HTML 4Page - Intersil Corporation HS-307RH883S Datasheet HTML 5Page - Intersil Corporation HS-307RH883S Datasheet HTML 6Page - Intersil Corporation HS-307RH883S Datasheet HTML 7Page - Intersil Corporation HS-307RH883S Datasheet HTML 8Page - Intersil Corporation HS-307RH883S Datasheet HTML 9Page - Intersil Corporation HS-307RH883S Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Specifications HS-3XXRH/883S
Positive Supply Current
I(+)
All Channels VA = 0V
1
+25oC-
10
µA
2, 3
-55oC to +125oC
-
100
µA
All Channels VA = 15V
1
+25oC-
10
µA
2, 3
-55oC to +125oC
-
100
µA
Negative Supply
Current
I(-)
All Channels VA = 0V
1
+25oC
-10
-
µA
2, 3
-55oC to +125oC
-100
-
µA
All Channels VA = 15V
1
+25oC
-10
-
µA
2, 3
-55oC to +125oC
-100
-
µA
TABLE 2. HS-302RH/303RH/384RH/390RH/883S AC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Guaranteed and 100% Tested. Unless Otherwise Specified: V- = -15V, V+ = +15V, VAH = +4.0V, VAL = 0V
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Break-Before-Make
Time Delay (HS-303RH
& 390RH Only)
TOPEN
RL = 300
Ω, VS = +3V,
VAH = 5V
9
+25oC
30
150
ns
10, 11
-55oC to +125oC
-
300
ns
Switch Turn “On” Time
TON
RL = 300
Ω, VS = +3V
9
+25oC
-
300
ns
10, 11
-55oC to +125oC
-
500
ns
Switch Turn “Off” Time
TOFF
RL = 300
Ω, VS = +3V
9
+25oC
-
250
ns
10, 11
-55oC to +125oC
-
450
ns
TABLE 2. HS-306RH/307RH/883S AC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Guaranteed and 100% Tested. Unless Otherwise Specified: V- = -15V, V+ = +15V, VAH = +15.0V, VAL = 0V
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Break-Before-Make
Time Delay (HS-307RH
Only)
TOPEN
RL = 300
Ω, VS = +3V
9
+25oC
30
150
ns
10, 11
-55oC to +125oC
-
300
ns
Switch Turn “On” Time
TON
RL = 300
Ω, VS = +3V
9
+25oC
-
300
ns
10, 11
-55oC to +125oC
-
500
ns
Switch Turn “Off” Time
TOFF
RL = 300
Ω, VS = +3V
9
+25oC
-
250
ns
10, 11
-55oC to +125oC
-
450
ns
TABLE 1. HS-306RH/307RH/883S DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Guaranteed and 100% Tested. Unless Otherwise Specified: V- = -15V, V+ = +15V, VAH = +11.0V, VAL = 3.5V (Continued)
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Spec Number
518526


Similar Part No. - HS-307RH883S

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-3000 BOSER-HS-3000 Datasheet
846Kb / 46P
   386 ISA Bus SBC
HS-3000/4M BOSER-HS-3000/4M Datasheet
846Kb / 46P
   386 ISA Bus SBC
logo
Renesas Technology Corp
HS-302AEH RENESAS-HS-302AEH Datasheet
651Kb / 16P
   Radiation Hardened BiCMOS Dual DPST Analog Switch
Jul 7, 2021
logo
Intersil Corporation
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
HS-302RH INTERSIL-HS-302RH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
More results

Similar Description - HS-307RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302RH-T INTERSIL-HS-302RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual DPST Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS-302RH RENESAS-HS-302RH Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com