Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-3530RH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-3530RH
Description  Low Power, Radiation Hardened Programmable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-3530RH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-3530RH Datasheet HTML 1Page - Intersil Corporation HS-3530RH Datasheet HTML 2Page - Intersil Corporation HS-3530RH Datasheet HTML 3Page - Intersil Corporation HS-3530RH Datasheet HTML 4Page - Intersil Corporation HS-3530RH Datasheet HTML 5Page - Intersil Corporation HS-3530RH Datasheet HTML 6Page - Intersil Corporation HS-3530RH Datasheet HTML 7Page - Intersil Corporation HS-3530RH Datasheet HTML 8Page - Intersil Corporation HS-3530RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
762
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HS-3530RH
Low Power, Radiation Hardened
Programmable Operational Amplifier
Pinout
8 LEAD METAL CAN PACKAGE (CAN)
MIL-STD-1835 MACY1-X8
TOP VIEW
NOTE:
1. Case tied to V-.
Functional Diagram
ISET
OUTPUT
INVERTING
V-
OFFSET
NON-INVERTING
V+
OFFSET
2
4
6
1
3
7
5
8
NULL
INPUT
INPUT
NULL
OUT
ISET
OFFSET
NULL 1
-V
+IN
-IN
+V
OFFSET
NULL 2
1
2
3
4
5
6
7
8
Features
• Radiation Environment
- Neutron Fluence (
Φ) 5 x 1012 n/cm2 (E ≥ 10KeV)
- Gamma Rate
1 x 109 RAD (Si)/s
- Gamma Dose (
γ) 1 x 106 RAD (Si)
• Wide Range AC Programming
- Slew Rate 0.06 to 3V/
µs
- Gain X Bandwidth 100kHz to 5.0MHz
• Wide Range DC Programming
- Power Supply Range
±3.0V to ±15V
• Supply Current 10
µA to 1.2mA
• Dielectrically Isolated Device Islands
• Short Circuit Protection
Description
The HS-3530RH is a Low Power Operational Amplifier which
is an internally compensated monolithic device offering a
wide range of performance specifications. Parameters such
as power dissipation, slew rate, bandwidth, noise and input
DC parameters are programmed by selecting an external
resistor or current source. Supply voltages as low as
±3V
may be used with little degradation of AC performance. The
HS-3530RH has been specifically designed to meet
exposure to space radiation environments. Operation from -55oC
to +125oC is guaranteed.
A major advantage of the HS-3530RH is that operating
characteristics remain virtually constant over a wide supply
range (
±3V to ±15V), allowing the amplifier to offer maximum
performance in almost any system, including battery
operated equipment. A primary application for this device is
in active filtering and conditioning for a wide variety of
signals that differ in frequency and amplitude. Also, by
modulating the set current, it can be used for designs such
as current controlled oscillators/modulators, sample and
hold circuits and variable active filters.
Ordering Information
PART NUMBER
TEMPERATURE
RANGE
PACKAGE
HS2-3530RH-8
-55oC to +125oC
8 Lead Metal Can
HS2-3530RH-Q
-55oC to +125oC
8 Lead Metal Can
HS2-3530RH/SAMPLE
+25oC
8 Lead Metal Can
(
γ)
August 1995
Spec Number
518079
File Number
3024.2


Similar Part No. - HS-3530RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3530AEH INTERSIL-HS-3530AEH Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
HS-3530ARH INTERSIL-HS-3530ARH_12 Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
More results

Similar Description - HS-3530RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
   Low Power, High Performance Radiation Hardened Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
HS-3530ARH INTERSIL-HS-3530ARH_12 Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
logo
Intersil Corporation
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com