Electronic Components Datasheet Search |
|
HS9-302RH Datasheet(PDF) 7 Page - Intersil Corporation |
|
HS9-302RH Datasheet(HTML) 7 Page - Intersil Corporation |
7 / 16 page 7 Specifications HS-3XXRH/883S TABLE 3. HS-302RH/303RH/306RH/307RH/384RH/390RH/883S ELECTRICAL PERFORMANCE CHARACTERISTICS (NOTE 1) Unless Otherwise Specified: HS-302RH/303RH/384RH/390RH/883S V- = -15V, V+ = +15V, VAH = +4.0V, VAL = 0V HS-306RH/307RH/883S V- = -15V, V+ = +15V, VAH = +15.0V, VAL = 0V PARAMETER SYMBOL (NOTE 1) CONDITIONS TEMPERATURE LIMITS UNITS MIN MAX Switch Input Capacitance CIS(OFF) Measured Source to GND +25oC - 28 pF Driver Input Capacitance CC1 VA = 0V +25oC - 10 pF CC2 VA = 15V +25oC - 10 pF Switch Output COS Measured Drain to GND +25oC - 28 pF Off Isolation VISO VGEN = 1Vp-p, f = 1MHz +25oC40 - dB Crosstalk VCR VGEN = 1Vp-p, f = 1MHz +25oC40 - dB Charge Transfer VCTE VS = GND, CL = 0.01 µF +25oC - 15 mV NOTE:1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These parameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization based upon data from multiple production runs which reflect lot to lot and within lot variation. TABLE 4. HS-302RH/303RH/384RH/390RH/883S DC POST 100K RAD (Si) ELECTRICAL CHARACTERISTICS Tested Per Mil-Std-883. Unless Otherwise Specified: HS-302RH/303RH/384RH/390RH/883S V- = -15V, V+ = +15V, VAH = +4.0V, VAL = 0.8V PARAMETER SYMBOL CONDITIONS TEMPERATURE LIMITS UNITS MIN MAX “Switch On” Resistance +RDS VD = 10V, IS = -10mA, S1/S2/S3/S4 +25oC- 60 Ω -RDS VD = -10V, IS = 10mA, S1/S2/S3/S4 +25oC- 60 Ω Leakage Current Into the Source Terminal of an “Off” Switch +IS(OFF) VS = +14V, VD = -14V, S1/S2/S3/S4 +25oC -100 100 nA -IS(OFF) VS = -14V, VD = +14V, S1/S2/S3/S4 +25oC -100 100 nA Leakage Current into the Drain Terminal of an “Off” Switch +ID(OFF) VS = -14V, VD = +14V, S1/S2/S3/S4 +25oC -100 100 nA -ID(OFF) VS = +14V, VD = -14V, S1/S2/S3/S4 +25oC -100 100 nA Leakage Current from an “On” Driver Into the Switch (Drain & Source) -ID(ON) VS = VD = +14V, S1/S2/S3/S4 +25oC -100 100 nA -ID(ON) VS = VD = -14V, S1/S2/S3/S4 +25oC -100 100 nA Positive Supply Current I(+) All Channels VA = 0.8V +25oC - 100 µA VA1 = 0V, VA2 = 4.0V and VA1 = 4.0V, VA2 = 0V +25oC- 1 mA Negative Supply Current I(-) All Channels VA = 0.8V +25oC -100 - µA VA1 = 0V, VA2 = 4.0V and VA1 = 4.0V, VA2 = 0V +25oC -100 - µA High Level Address Current IAH All Channels High +25oC-1 +1 µA Low Level Address Current IAL All Channels Low +25oC-1 +1 µA Break-Before-Make Time Delay (HS-303RH/883S and HS390RH/883S Only) TOPEN RL = 300 Ω, VS = +3V, (Note 1) +25oC 2 300 ns Switch Turn-On Time TON RL = 300 Ω, VS = +3V, (Note 2) +25oC - 500 ns Switch Turn-Off Time TOFF RL = 300 Ω, VS = +3V, (Note 2) +25oC - 450 ns NOTES: 1. VAL = 0V; VAH = 5.0V 2. VAL = 0V; VAH = 4.0 Spec Number 518526 |
Similar Part No. - HS9-302RH |
|
Similar Description - HS9-302RH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |