Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-303RH883S Datasheet(PDF) 7 Page - Intersil Corporation

Part # HS1-303RH883S
Description  Radiation Hardened CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-303RH883S Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HS1-303RH883S Datasheet HTML 3Page - Intersil Corporation HS1-303RH883S Datasheet HTML 4Page - Intersil Corporation HS1-303RH883S Datasheet HTML 5Page - Intersil Corporation HS1-303RH883S Datasheet HTML 6Page - Intersil Corporation HS1-303RH883S Datasheet HTML 7Page - Intersil Corporation HS1-303RH883S Datasheet HTML 8Page - Intersil Corporation HS1-303RH883S Datasheet HTML 9Page - Intersil Corporation HS1-303RH883S Datasheet HTML 10Page - Intersil Corporation HS1-303RH883S Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Specifications HS-3XXRH/883S
TABLE 3. HS-302RH/303RH/306RH/307RH/384RH/390RH/883S
ELECTRICAL PERFORMANCE CHARACTERISTICS (NOTE 1)
Unless Otherwise Specified: HS-302RH/303RH/384RH/390RH/883S V- = -15V, V+ = +15V, VAH = +4.0V, VAL = 0V
HS-306RH/307RH/883S V- = -15V, V+ = +15V, VAH = +15.0V, VAL = 0V
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Switch Input Capacitance
CIS(OFF)
Measured Source to GND
+25oC
-
28
pF
Driver Input Capacitance
CC1
VA = 0V
+25oC
-
10
pF
CC2
VA = 15V
+25oC
-
10
pF
Switch Output
COS
Measured Drain to GND
+25oC
-
28
pF
Off Isolation
VISO
VGEN = 1Vp-p, f = 1MHz
+25oC40
-
dB
Crosstalk
VCR
VGEN = 1Vp-p, f = 1MHz
+25oC40
-
dB
Charge Transfer
VCTE
VS = GND, CL = 0.01
µF
+25oC
-
15
mV
NOTE:1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These
parameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by
characterization based upon data from multiple production runs which reflect lot to lot and within lot variation.
TABLE 4. HS-302RH/303RH/384RH/390RH/883S DC POST 100K RAD (Si) ELECTRICAL CHARACTERISTICS
Tested Per Mil-Std-883. Unless Otherwise Specified: HS-302RH/303RH/384RH/390RH/883S V- = -15V, V+ = +15V, VAH = +4.0V, VAL = 0.8V
PARAMETER
SYMBOL
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
“Switch On” Resistance
+RDS
VD = 10V, IS = -10mA, S1/S2/S3/S4
+25oC-
60
-RDS
VD = -10V, IS = 10mA, S1/S2/S3/S4
+25oC-
60
Leakage Current Into the
Source Terminal of an “Off”
Switch
+IS(OFF)
VS = +14V, VD = -14V, S1/S2/S3/S4
+25oC
-100
100
nA
-IS(OFF)
VS = -14V, VD = +14V, S1/S2/S3/S4
+25oC
-100
100
nA
Leakage Current into the Drain
Terminal of an “Off” Switch
+ID(OFF)
VS = -14V, VD = +14V, S1/S2/S3/S4
+25oC
-100
100
nA
-ID(OFF)
VS = +14V, VD = -14V, S1/S2/S3/S4
+25oC
-100
100
nA
Leakage Current from an “On”
Driver Into the Switch (Drain &
Source)
-ID(ON)
VS = VD = +14V, S1/S2/S3/S4
+25oC
-100
100
nA
-ID(ON)
VS = VD = -14V, S1/S2/S3/S4
+25oC
-100
100
nA
Positive Supply Current
I(+)
All Channels VA = 0.8V
+25oC
-
100
µA
VA1 = 0V, VA2 = 4.0V and
VA1 = 4.0V, VA2 = 0V
+25oC-
1
mA
Negative Supply Current
I(-)
All Channels VA = 0.8V
+25oC
-100
-
µA
VA1 = 0V, VA2 = 4.0V and
VA1 = 4.0V, VA2 = 0V
+25oC
-100
-
µA
High Level Address Current
IAH
All Channels High
+25oC-1
+1
µA
Low Level Address Current
IAL
All Channels Low
+25oC-1
+1
µA
Break-Before-Make Time
Delay (HS-303RH/883S and
HS390RH/883S Only)
TOPEN
RL = 300
Ω, VS = +3V, (Note 1)
+25oC
2
300
ns
Switch Turn-On Time
TON
RL = 300
Ω, VS = +3V, (Note 2)
+25oC
-
500
ns
Switch Turn-Off Time
TOFF
RL = 300
Ω, VS = +3V, (Note 2)
+25oC
-
450
ns
NOTES:
1. VAL = 0V; VAH = 5.0V
2. VAL = 0V; VAH = 4.0
Spec Number
518526


Similar Part No. - HS1-303RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-303RH-8 INTERSIL-HS1-303RH-8 Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS1-303RH-Q INTERSIL-HS1-303RH-Q Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS1-303RH-T INTERSIL-HS1-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS1-303RH-T INTERSIL-HS1-303RH-T Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS1-303RH/PROTO INTERSIL-HS1-303RH/PROTO Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
More results

Similar Description - HS1-303RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302RH-T INTERSIL-HS-302RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual DPST Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS-302RH RENESAS-HS-302RH Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com