Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-508ARH-8 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS1-508ARH-8
Description  Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-508ARH-8 Datasheet(HTML) 1 Page - Intersil Corporation

  HS1-508ARH-8 Datasheet HTML 1Page - Intersil Corporation HS1-508ARH-8 Datasheet HTML 2Page - Intersil Corporation HS1-508ARH-8 Datasheet HTML 3Page - Intersil Corporation HS1-508ARH-8 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
File Number
4097.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
HS-508ARH
Radiation Hardened 8 Channel CMOS
Analog Multiplexer with Overvoltage
Protection
The HS-508ARH is a dielectrically isolated, radiation
hardened, CMOS analog multiplexer incorporating an
important feature; it withstands analog input voltages much
greater than the supplies. This is essential in any system
where the analog inputs originate outside the equipment.
They can withstand a continuous input up to 10V greater than
either supply, which eliminates the possibility of damage when
supplies are off, but input signals are present. Equally
important, it can withstand brief input transient spikes of
several hundred volts; which otherwise would require complex
external protection networks. Necessarily, ON resistance is
somewhat higher than similar unprotected devices, but very
low leakage current combine to produce low errors.
Reference Application Notes 520 and 521, available from the
Semiconductor Products Division of Intersil, for further
information on the HS-508ARH multiplexer in general.
The HS-508ARH has been specifically designed to meet
exposure to radiation environments. Operation from -55oCto
125oC is guaranteed.
Features
• Electrically Screened to SMD # 5962-96742
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Gamma Dose (
γ) . . . . . . . . . . . . . . . . . 1 x 105RAD(Si)
- Dielectrically Isolated Device Islands
- SEP >110 Mev-mg/cm2Analog/Digital Overvoltage
Protection
• Fail Safe with Power Loss (No Latchup)
• Break-Before-Make Switching
• DTL/TTL and CMOS Compatible
• Analog Signal Range
. . . . . . . . . . . . . . . . . . . . . . . . . . . .±15V
• Fast Access Time
• Supply Current at 1MHz Address Toggle . . . . . .4mA (Typ)
• Standby Power . . . . . . . . . . . . . . . . . . . . . . . .7.5mW (Typ)
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-96742. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/newsafclasst.asp
Pinouts
HS1-508ARH 16 LEAD SIDEBRAZE DIP
MIL-STD-1835, CDIP2-T16
TOP VIEW
HS9-508ARH 16 LEAD FLATPACK
MIL-STD-1835, CDFP4-F16
TOP VIEW
Product Information
PRODUCT NUMBER
INTERNAL
MKT. NUMBER
TEMP.
RANGE (oC)
5962R9674201QEC
HS1-508ARH-8
-55 to 125
5962R9674201QXC
HS9-508ARH-8
-55 to 125
5962R9674201VEC
HS1-508ARH-Q
-55 to 125
5962R9674201VXC
HS9-508ARH-Q
-55 to 125
HS1-508ARH/PROTO
HS1-508ARH/PROTO
-55 to 125
HS9-508ARH/PROTO
HS9-508ARH/PROTO
-55 to 125
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
AO
EN
-VSUP
IN 1
IN 2
IN 3
OUT
IN 4
A1
GND
+VSUP
IN 5
IN 6
IN 7
IN 8
A2
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
EN
IN1
IN2
IN3
IN4
OUT
GND
IN5
IN6
IN7
IN8
A0
A1
A2
+VSUP
-VSUP
Data Sheet
December 1999
[ /Title
(HS-
508AR
H)
/Sub-
ject
(Radia-
tion
Hard-
ened 8
Chan-
nel
CMOS
Ana-
log
Multi-
plexer
with
Over-
volt-
age
Protec-
tion)
/Autho
r ()
/Key-
words
(Har-
ris
Corpo-
ration,
Semi-
con-
ductor
Com-
muni-
cations
Divi-
OBSOLETE
PRODUCT
POSSIBLE
SUBSTITUTE
PRODUCT
HS-508BRH,
FN4824


Similar Part No. - HS1-508ARH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-508ARH-T INTERSIL-HS1-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
More results

Similar Description - HS1-508ARH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-1840ARH-T INTERSIL-HS-1840ARH-T Datasheet
65Kb / 3P
   Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection
logo
Linear Integrated Syste...
LS-508A LINEAR-LS-508A Datasheet
209Kb / 2P
   Single 8-Channel CMOS Analog Multiplexer with active overvoltage protection
logo
Intersil Corporation
HS-0506RH INTERSIL-HS-0506RH Datasheet
1Mb / 14P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com