Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-4424RH-8 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS9-4424RH-8
Description  Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-4424RH-8 Datasheet(HTML) 2 Page - Intersil Corporation

  HS9-4424RH-8 Datasheet HTML 1Page - Intersil Corporation HS9-4424RH-8 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Die Characteristics
DIE DIMENSIONS:
4890
µm x 3370µm (193 mils x 133 mils)
Thickness: 483
µm ± 25.4µm (19 mils ± 1 mil)
INTERFACE MATERIALS:
Glassivation:
Type: PSG (Phosphorous Silicon Glass)
Thickness: 8.0kÅ
± 1.0kÅ
Top Metallization:
Type: AlSiCu
Thickness: 16.0kÅ
± 2kÅ
Substrate:
Radiation Hardened Silicon Gate,
Dielectric Isolation
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Unbiased (DI)
ADDITIONAL INFORMATION:
Worst Case Current Density:
<2.0 x 105 A/cm2
Transistor Count:
125
Metallization Mask Layout
HS-4424RH, HS-4424BRH
GND (5)
IN B (7)
OUT B (10)
OUT B (11)
VCC (12)
VCC (13)
GND (4)
IN A (2)
OUT A (15)
OUT A (14)
HS-4424RH, HS-4424BRH


Similar Part No. - HS9-4424RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-4424RH-8 INTERSIL-HS9-4424RH-8 Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
More results

Similar Description - HS9-4424RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
HS-4423RH INTERSIL-HS-4423RH_14 Datasheet
201Kb / 3P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
logo
Renesas Technology Corp
ISL74422ARH RENESAS-ISL74422ARH Datasheet
142Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
April 1, 2010
logo
Intersil Corporation
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
logo
Renesas Technology Corp
ISL74422BRH RENESAS-ISL74422BRH Datasheet
210Kb / 3P
   Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
logo
Intersil Corporation
ISL74422BRH INTERSIL-ISL74422BRH Datasheet
74Kb / 2P
   Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
HS-4424DRH INTERSIL-HS-4424DRH Datasheet
528Kb / 15P
   Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com