Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3123 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG3123
Description  8-Channel CMOS Logic to High Voltage Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3123 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG3123_15 Datasheet HTML 4Page - Analog Devices ADG3123_15 Datasheet HTML 5Page - Analog Devices ADG3123_15 Datasheet HTML 6Page - Analog Devices ADG3123_15 Datasheet HTML 7Page - Analog Devices ADG3123_15 Datasheet HTML 8Page - Analog Devices ADG3123_15 Datasheet HTML 9Page - Analog Devices ADG3123_15 Datasheet HTML 10Page - Analog Devices ADG3123_15 Datasheet HTML 11Page - Analog Devices ADG3123_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG3123
Data Sheet
Rev. B | Page 10 of 12
THEORY OF OPERATION
The ADG3123 is an 8-channel, noninverting CMOS to high
voltage level translator. Fabricated on an enhanced LC2MOS
process, the device is capable of operating at high supply
voltages while maintaining ultralow power consumption.
The device requires a dual-supply voltage, VDDB and VSS, which
sets the low logic levels for all outputs and the high logic levels
for the Y7 and Y8 outputs. The VDDA pin acts as an analog input.
The voltage applied to the VDDA pin sets the output high logic
level for the Y1 to Y6 outputs.
The device translates the CMOS logic levels applied to the A1 to
A8 inputs into high voltage bipolar levels available on the Y side
of the device at Pin Y1 to Pin Y8.
To ensure proper operation, VDDB must always be greater than
or equal to VDDA and the voltage between the Pin VDDB and
Pin VSS should not exceed 35 V.
INPUT DRIVING REQUIREMENTS
The ADG3123 design ensures low input capacitance and leakage
current thereby reducing the loading of the circuit that drives the
input pins (Pin A1 to Pin A8) to a minimum. Its input threshold
levels are compliant with JEDEC standards for drivers operated
from supply voltages between 2.3 V and 5.5 V. It is recommended
that the inputs of any unused channel be tied to a stable logic
level (low or high).
OUTPUT LOAD REQUIREMENTS
The low output impedance of the ADG3123 allows each channel
to drive both resistive and capacitive loads. The maximum load
current is limited by the current carrying capability of any given
channel. If more channels are used, the maximum load current
per channel is reduced accordingly. Note that the sum of the
load currents on all channels should never exceed the absolute
maximum ratings specifications.
The average load current on each channel, ICHANNEL, can be
determined using the formulas shown in the Capacitive Loads
and the Resistive Loads sections.
Capacitive Loads
ICHANNEL (A) = FO × CL × (VDDX + |VSS|)
where:
FO is the frequency of the signal applied to the channel in Hz.
CL is the load capacitance in farads.
VSS is the voltage applied to the VSS pin.
VDDX is VDDA for Y1 to Y6 outputs, and VDDB for Y7 to Y8 outputs.
Resistive Loads
L
SS
DDX
CHANNEL
R
V
D
V
D
A
I
×
+
×
=
)
1
(
)
(
where:
D is the duty cycle of the input signal. D is defined as the ratio
between the high state duration of the signal and its period.
RL is the load resistor in Ω.
VSS is the voltage applied to the VSS pin.
VDDX is VDDA for Y1 to Y6 outputs, and VDDB for Y7 to Y8 outputs.
POWER SUPPLIES
The ADG3123 operates from a dual-supply voltage. As good
design practice for all CMOS devices dictates, power up the
ADG3123 first (VDDB and VSS) before applying the signals to its
inputs (A1 to A8 and VDDA). To ensure correct operation of the
ADG3123, the voltage applied to the VDDB pin must always be
greater than or equal to VDDA and the voltage between the
Pin VDDB and Pin VSS should not exceed 35 V.
To ensure optimum performance, use decoupling capacitors on
all power supply pins. Furthermore, good engineering and layout
practice suggests placing these capacitors as close as possible to
the package supply pins.


Similar Part No. - ADG3123_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3123BRUZ AD-ADG3123BRUZ Datasheet
276Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
REV. A
ADG3123BRUZ AD-ADG3123BRUZ Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
ADG3123BRUZ-REEL AD-ADG3123BRUZ-REEL Datasheet
276Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
REV. A
ADG3123BRUZ-REEL7 AD-ADG3123BRUZ-REEL7 Datasheet
276Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
REV. A
ADG3123BRUZ-REEL7 AD-ADG3123BRUZ-REEL7 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
More results

Similar Description - ADG3123_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3123 AD-ADG3123_V01 Datasheet
232Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
Rev. B
ADG3123 AD-ADG3123 Datasheet
276Kb / 12P
   8-Channel CMOS Logic to High Voltage Level Translator
REV. A
logo
Supertex, Inc
HT01 SUTEX-HT01 Datasheet
93Kb / 4P
   8 - Channel Logic To High-Voltage Level Translator
logo
Analog Devices
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
logo
Texas Instruments
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Automotive 8-Channel Multi-Voltage Level Translator
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611 Datasheet
2Mb / 15P
   Quad Bidirectional Low-Voltage Logic-Level Translator
Rev 0; 4/12
MAX14595 MAXIM-MAX14595 Datasheet
1Mb / 11P
   Low-Power Dual-Channel Logic-Level Translator
Rev 0; 12/11
logo
Analog Devices
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com