Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3231 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG3231
Description  1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3231 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG3231_15 Datasheet HTML 4Page - Analog Devices ADG3231_15 Datasheet HTML 5Page - Analog Devices ADG3231_15 Datasheet HTML 6Page - Analog Devices ADG3231_15 Datasheet HTML 7Page - Analog Devices ADG3231_15 Datasheet HTML 8Page - Analog Devices ADG3231_15 Datasheet HTML 9Page - Analog Devices ADG3231_15 Datasheet HTML 10Page - Analog Devices ADG3231_15 Datasheet HTML 11Page - Analog Devices ADG3231_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG3231
Data Sheet
Rev. C | Page 10 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-AB
10°
SEATING
PLANE
1.90
BSC
0.95 BSC
0.60
BSC
6
5
1
2
3
4
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.20 MAX
0.08 MIN
0.50 MAX
0.30 MIN
0.55
0.45
0.35
PIN 1
INDICATOR
Figure 19. 6-Lead Small Outline Transistor Package [SOT-23]
(RJ-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADG3231BRJ-REEL7
−40°C to +85°C
6-Lead SOT-23
RJ-6
W2B
ADG3231BRJZ-REEL
−40°C to +85°C
6-Lead SOT-23
RJ-6
W2B #
ADG3231BRJZ-REEL7
−40°C to +85°C
6-Lead SOT-23
RJ-6
W2B #
1 Z = RoHS Compliant Part, # denotes lead-free may be top or bottom marked.


Similar Part No. - ADG3231_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3231BRJ AD-ADG3231BRJ Datasheet
173Kb / 8P
   Low Voltage, Single-Channel Level Translator
REV. 0
ADG3231BRJ-REEL AD-ADG3231BRJ-REEL Datasheet
173Kb / 8P
   Low Voltage, Single-Channel Level Translator
REV. 0
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
173Kb / 8P
   Low Voltage, Single-Channel Level Translator
REV. 0
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
236Kb / 12P
   1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package
REV. C
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
236Kb / 12P
   1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
More results

Similar Description - ADG3231_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3231 AD-ADG3231_V01 Datasheet
236Kb / 12P
   1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
ADG3231BRJZ-REEL7 AD-ADG3231BRJZ-REEL7 Datasheet
236Kb / 12P
   1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package
REV. C
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
ADG3233 AD-ADG3233_V01 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
ADG3233 AD-ADG3233 Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3233 AD-ADG3233_15 Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com