Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3233 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG3233
Description  Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3233 Datasheet(HTML) 4 Page - Analog Devices

  ADG3233_15 Datasheet HTML 1Page - Analog Devices ADG3233_15 Datasheet HTML 2Page - Analog Devices ADG3233_15 Datasheet HTML 3Page - Analog Devices ADG3233_15 Datasheet HTML 4Page - Analog Devices ADG3233_15 Datasheet HTML 5Page - Analog Devices ADG3233_15 Datasheet HTML 6Page - Analog Devices ADG3233_15 Datasheet HTML 7Page - Analog Devices ADG3233_15 Datasheet HTML 8Page - Analog Devices ADG3233_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG3233
Data Sheet
Rev. B | Page 4 of 16
Parameter1
Symbol
Test Conditions/Comments
Min
Typ2
Max
Unit
VCC = VCC1 = VCC2 = 2.5 V ± 0.2 V
Propagation Delay, tPD
A1
→ Y1 Normal Mode
tPHL, tPLH
CL = 30 pF, VT = VCC/2
4.5
6.2
ns
A2
→ Y2 Normal Mode
tPHL, tPLH
CL = 30 pF, VT = VCC/2
4.5
6.2
ns
A1
→ Y2 Bypass Mode
tPHL, tPLH
CL = 30 pF, VT = VCC/2
4.5
6.5
ns
ENABLE Time EN
→ Y1
t
EN
CL = 30 pF, VT = VCC/2
5
7.2
ns
DISABLE Time EN
→ Y1
tDIS
CL = 30 pF, VT = VCC/2
3.2
4.7
ns
ENABLE Time EN
→ Y2
t
EN
CL = 30 pF, VT = VCC/2
5
7.7
ns
DISABLE Time EN
→ Y2
tDIS
CL = 30 pF, VT = VCC/2
4.8
7.2
ns
VCC = VCC1 = VCC2 = 1.8 V ± 0.15 V
Propagation Delay, tPD
A1
→ Y1 Normal Mode
tPHL, tPLH
CL = 30 pF, VT = VCC/2
6.7
10
ns
A2
→ Y2 Normal Mode
tPHL, tPLH
CL = 30 pF, VT = VCC/2
6.5
10
ns
A1
→ Y2 Bypass Mode
tPHL, tPLH
CL = 30 pF, VT = VCC/2
6.5
10.25
ns
ENABLE Time EN
→ Y1
t
EN
CL = 30 pF, VT = VCC/2
7
10.5
ns
DISABLE Time EN
→ Y1
tDIS
CL = 30 pF, VT = VCC/2
4.4
6.5
ns
ENABLE Time EN
→ Y2
t
EN
CL = 30 pF, VT = VCC/2
7
12
ns
DISABLE Time EN
→ Y2
tDIS
CL = 30 pF, VT = VCC/2
6.5
10.5
ns
Input Leakage Current
II
0 ≤ VIN ≤ 3.6 V
±1
µA
Output Leakage Current
IO
0 ≤ VIN ≤ 3.6 V
±1
µA
POWER REQUIREMENTS
Power Supply Voltages
VCC1
1.65
3.6
V
VCC2
1.65
3.6
V
Quiescent Power Supply Current
ICC1
Digital inputs = 0 V or VCC
2
µA
ICC2
Digital inputs = 0 V or VCC
2
µA
Increase in ICC per Input
ΔICC1
VCC = 3.6 V, one input at 3.0 V; others at
VCC or GND
0.75
µA
1
Temperature range is as follows: B Version: −40°C to +85°C.
2
All typical values are at VCC = VCC1 = VCC2, TA = 25°C, unless otherwise stated.
3
VIL and VIH levels are specified with respect to VCC1, VOH, and VOL levels for Y1 are specified with respect to VCC1, and VOH, and VOL levels are specified for Y2 with respect to
VCC2.
4
Guaranteed by design, not subject to production test.
5
See the Test Waveforms section.


Similar Part No. - ADG3233_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233BRJ-REEL AD-ADG3233BRJ-REEL Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3233BRJ-REEL AD-ADG3233BRJ-REEL Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233BRJ-REEL7 AD-ADG3233BRJ-REEL7 Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3233BRJ-REEL7 AD-ADG3233BRJ-REEL7 Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
More results

Similar Description - ADG3233_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233 AD-ADG3233_V01 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
ADG3233 AD-ADG3233 Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrE Feb 2004
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
logo
Analog Devices
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com