Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3246 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG3246
Description  2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3246 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG3246_15 Datasheet HTML 4Page - Analog Devices ADG3246_15 Datasheet HTML 5Page - Analog Devices ADG3246_15 Datasheet HTML 6Page - Analog Devices ADG3246_15 Datasheet HTML 7Page - Analog Devices ADG3246_15 Datasheet HTML 8Page - Analog Devices ADG3246_15 Datasheet HTML 9Page - Analog Devices ADG3246_15 Datasheet HTML 10Page - Analog Devices ADG3246_15 Datasheet HTML 11Page - Analog Devices ADG3246_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. 0
ADG3246
–9–
BUS SWITCH APPLICATIONS
Mixed Voltage Operation, Level Translation
Bus switches can be used to provide an ideal solution for interfac-
ing between mixed voltage systems. The ADG3246 is suitable
for applications where voltage translation from 3.3 V technology to
a lower voltage technology is needed. This device can translate
from 3.3 V to 1.8 V, from 2.5 V to 1.8 V, or bidirectionally
from 3.3 V directly to 2.5 V.
Figure 4 shows a block diagram of a typical application in which
a user needs to interface between a 3.3 V ADC and a 2.5 V micro-
processor. The microprocessor may not have 3.3 V tolerant inputs,
therefore placing the ADG3246 between the two devices allows
the devices to communicate easily. The bus switch directly
connects the two blocks, thus introducing minimal propagation
delay, timing skew, or noise.
3.3V ADC
2.5V
3.3V
2.5V
MICROPROCESSOR
3.3V
Figure 4. Level Translation between a 3.3 V ADC
and a 2.5 V Microprocessor
3.3 V to 2.5 V Translation
When VCC is 3.3 V (SEL = VCC) and the input signal range is 0 V
to VCC, the maximum output signal will be clamped to within a
voltage threshold below the VCC supply.
ADG3246
2.5V
2.5V
3.3V
2.5V
3.3V
Figure 5. 3.3 V to 2.5 V Voltage Translation,
SEL = V
CC
In this case, the output will be limited to 2.5 V, as shown in
Figure 6.
VIN
2.5V
VOUT
0V
3.3V
SWITCH
INPUT
3.3V SUPPLY
SEL = 3.3V
Figure 6. 3.3 V to 2.5 V Voltage Translation,
SEL = V
CC
This device can be used for translation from 2.5 V to 3.3 V
devices and also between two 3.3 V devices.
2.5 V to 1.8 V Translation
When VCC is 2.5 V (SEL = VCC) and the input signal range is 0 V
to VCC, the maximum output signal will, as before, be clamped
to within a voltage threshold below the VCC supply.
ADG3246
1.8V
2.5V
2.5V
Figure 7. 2.5 V to 1.8 V Voltage Translation,
SEL = V
CC
In this case, the output will be limited to approximately 1.8 V,
as shown in Figure 7.
VIN
1.8V
VOUT
0V
2.5V
SWITCH
INPUT
2.5V SUPPLY
SEL = 2.5V
Figure 8. 2.5 V to 1.8 V Voltage Translation,
SEL = V
CC
3.3 V to 1.8 V Translation
The ADG3246 offers the option of interfacing between a 3.3 V
device and a 1.8 V device. This is possible through use of the
SEL pin.
SEL pin: An active low control pin. SEL activates internal cir-
cuitry in the ADG3246 that allows voltage translation between
3.3 V devices and 1.8 V devices.
ADG3246
1.8V
3.3V
3.3V
Figure 9. 3.3 V to 1.8 V Voltage Translation,
SEL = 0 V
When VCC is 3.3 V and the input signal range is 0 V to VCC, the
maximum output signal will be clamped to 1.8 V, as shown in
Figure 9. To do this, the
SEL pin must be tied to Logic 0. If
SEL is unused, it should be tied directly to V
CC.


Similar Part No. - ADG3246_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3246BCP AD-ADG3246BCP Datasheet
353Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. PrC
ADG3246BCP AD-ADG3246BCP Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3246BCP-REEL7 AD-ADG3246BCP-REEL7 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3246BCPZ AD-ADG3246BCPZ Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3246BCPZ AD-ADG3246BCPZ Datasheet
651Kb / 17P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
Rev. B
More results

Similar Description - ADG3246_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. PrC
ADG3246BCPZ AD-ADG3246BCPZ Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3246 AD-ADG3246_V01 Datasheet
651Kb / 17P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. PrE
ADG3247 AD-ADG3247_15 Datasheet
390Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247 AD-ADG3247 Datasheet
204Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. PrD
ADG3247BRUZ AD-ADG3247BRUZ Datasheet
391Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245 AD-ADG3245_V01 Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com