Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3248 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG3248
Description  2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3248 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG3248_15 Datasheet HTML 3Page - Analog Devices ADG3248_15 Datasheet HTML 4Page - Analog Devices ADG3248_15 Datasheet HTML 5Page - Analog Devices ADG3248_15 Datasheet HTML 6Page - Analog Devices ADG3248_15 Datasheet HTML 7Page - Analog Devices ADG3248_15 Datasheet HTML 8Page - Analog Devices ADG3248_15 Datasheet HTML 9Page - Analog Devices ADG3248_15 Datasheet HTML 10Page - Analog Devices ADG3248_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG3248
Rev. A | Page 7 of 12
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.02
0.04
0.06
0.08
0.10
IO (A)
TA = 25°C
VA = 0V
VCC = 2.5V
VCC = 3.3V
Figure 9. Output Low Characteristic
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.10
–0.08
–0.06
–0.04
–0.02
0
IO (A)
TA = 25°C
VA = VCC
VCC = 2.5V
VCC = 3.3V
Figure 10. Output High Characteristic
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VA/VB (V)
TA = 25°C
ON = OFF
CL = 1nF
VCC = 2.5V
VCC = 3.3V
Figure 11. Charge Injection vs. Input Voltage
1
0
–1
–2
–3
–4
–5
–6
–7
–8
0.03
0.1
1.0
10
100
1k
FREQUENCY (MHz)
TA = 25°C
VCC = 3.3V/2.5V
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50Ω
Figure 12. Bandwidth vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.03
0.1
1.0
10
100
1k
FREQUENCY (MHz)
TA = 25°C
VCC = 3.3V/2.5V
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50Ω
Figure 13. Crosstalk vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.03
0.1
1.0
10
100
1k
FREQUENCY (MHz)
TA = 25°C
VCC = 3.3V/2.5V
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50Ω
Figure 14. Off Isolation vs. Frequency


Similar Part No. - ADG3248_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3248BKS-R2 AD-ADG3248BKS-R2 Datasheet
172Kb / 12P
   2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3248BKS-REEL AD-ADG3248BKS-REEL Datasheet
172Kb / 12P
   2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3248BKS-REEL7 AD-ADG3248BKS-REEL7 Datasheet
172Kb / 12P
   2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
More results

Similar Description - ADG3248_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3248 AD-ADG3248 Datasheet
172Kb / 12P
   2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249_15 Datasheet
226Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249 Datasheet
220Kb / 12P
   2.5 V/3.3 V, 2:1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
logo
Texas Instruments
SN74CB3Q3257 TI-SN74CB3Q3257_08 Datasheet
691Kb / 18P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253_10 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com