Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-4424BRH-8 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS9-4424BRH-8
Description  Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-4424BRH-8 Datasheet(HTML) 1 Page - Intersil Corporation

  HS9-4424BRH-8 Datasheet HTML 1Page - Intersil Corporation HS9-4424BRH-8 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
File Number
4739.1
HS-4424RH, HS-4424BRH
Radiation Hardened Dual, Non-Inverting
Power MOSFET Drivers
The Radiation Hardened HS-4424RH and HS-4424BRH are
non-inverting, dual, monolithic high-speed MOSFET drivers
designed to convert TTL level signals into high current
outputs at voltages up to 18V.
The inputs of these devices are TTL compatible and can be
directly driven by our HS-1825ARH PWM device or by our
ACS/ACTS and HCS/HCTS type logic devices. The fast rise
times and high current outputs allow very quick control of
high gate capacitance power MOSFETs, like our Rad Hard
FS055, in high frequency applications.
The high current outputs minimize power losses in
MOSFETs by rapidly charging and discharging the gate
capacitance. The output stage incorporates a low voltage
lock-out circuit that puts the outputs into a three-state mode
when the supply voltage drops below 10V for the
HS-4424RH and 7.5V for the HS-4424BRH.
Constructed with the Intersil dielectrically isolated Rad Hard
Silicon Gate (RSG) BiCMOS process, these devices are
immune to Single Event Latch-up and have been specifically
designed to provide highly reliable performance in harsh
radiation environments.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-99560. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
Pinout
HS-4424RH, HS-4424BRH (FLATPACK CDFP4-F16)
TOP VIEW
NOTE: Pins 4 and 5, 10 and 11, 12 and 13, 14 and 15 are double-
bonded to their same electrical points on the die.
Features
• Electrically Screened to DESC SMD # 5962-99560
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Total Dose (Max). . . . . . . . . . . . . . . . . . 3 x 105 RAD(SI)
- Latch-Up Immune
- Low Dose Rate Immune
•IPEAK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2A (Min)
• Matched Rise and Fall Times (CL = 4300pF). . . 75ns (Max)
• Low Voltage Lock-Out Feature
- HS-4424RH . . . . . . . . . . . . . . . . . . . . . . . . . . . < 10.0V
- HS-4424BRH . . . . . . . . . . . . . . . . . . . . . . . . . . . < 7.5V
• Wide Supply Voltage Range. . . . . . . . . . . . . . . 12V to 18V
• Prop Delay . . . . . . . . . . . . . . . . . . . . . . . . . . . 250ns (Max)
• Consistent Delay Times with VCC Changes
• Low Power Consumption
- 40mW with Inputs High
- 20mW with Inputs Low
• Low Equivalent Input Capacitance . . . . . . . . . .3.2pF (Typ)
• ESD Protected . . . . . . . . . . . . . . . . . . . . . . . . . . . >4000V
Applications
• Switching Power Supplies
• DC/DC Converters
• Motor Controllers
NC
IN A
NC
GND A
GND B
NC
IN B
NC
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
NC
OUT A
OUT A
VCC
VCC
OUT B
OUT B
NC
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962F9956001VXC
HS9-4424RH-Q
-55 to 125
5962F9956001QXC
HS9-4424RH-8
-55 to 125
HS9-4424RH/Proto
HS9-4424RH/Proto
-55 to 125
5962F9956002VXC
HS9-4424BRH-Q
-55 to 125
5962F9956002QXC
HS9-4424BRH-8
-55 to 125
HS9-4424BRH/Proto
HS9-4424BRH/Proto
-55 to 125
Data Sheet
June 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HS9-4424BRH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-4424BRH-8 INTERSIL-HS9-4424BRH-8 Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
More results

Similar Description - HS9-4424BRH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4424RH INTERSIL-HS-4424RH_14 Datasheet
255Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
September 24, 2013
5962F9956004V9A INTERSIL-5962F9956004V9A Datasheet
227Kb / 3P
   Radiation Hardened Dual, Non-Inverting Power MOSFET Drivers
HS-4423RH INTERSIL-HS-4423RH_14 Datasheet
201Kb / 3P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
February 11, 2014
HS-4423RH INTERSIL-HS-4423RH Datasheet
56Kb / 2P
   Radiation Hardened Dual, Inverting Power MOSFET Drivers
logo
Renesas Technology Corp
ISL74422ARH RENESAS-ISL74422ARH Datasheet
142Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers
April 1, 2010
logo
Intersil Corporation
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
logo
Renesas Technology Corp
ISL74422BRH RENESAS-ISL74422BRH Datasheet
210Kb / 3P
   Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
logo
Intersil Corporation
ISL74422BRH INTERSIL-ISL74422BRH Datasheet
74Kb / 2P
   Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
HS-4424DRH INTERSIL-HS-4424DRH Datasheet
528Kb / 15P
   Dual, Noninverting Power MOSFET Radiation Hardened Drivers
October 15, 2015
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com