Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-565ARH-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS1-565ARH-T
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-565ARH-T Datasheet(HTML) 2 Page - Intersil Corporation

  HS1-565ARH-T Datasheet HTML 1Page - Intersil Corporation HS1-565ARH-T Datasheet HTML 2Page - Intersil Corporation HS1-565ARH-T Datasheet HTML 3Page - Intersil Corporation HS1-565ARH-T Datasheet HTML 4Page - Intersil Corporation HS1-565ARH-T Datasheet HTML 5Page - Intersil Corporation HS1-565ARH-T Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Functional Diagram
Definitions of Specifications
Digital Inputs
The HS-565ARH-T accepts digital input codes in binary
format and may be user connected for any one of three
binary codes. Straight binary, Two’s Complement (see note
below), or Offset Binary, (see Operating Instructions).
Accuracy
Nonlinearity - Nonlinearity of a D/A converter is an
important measure of its accuracy. It describes the deviation
from an ideal straight line transfer curve drawn between zero
(all bits OFF) and full scale (all bits ON).
Differential Nonlinearity - For a D/A converter, it is the
difference between the actual output voltage change and the
ideal (1 LSB) voltage change for a one bit change in code. A
Differential Nonlinearity of
±1 LSB or less guarantees
monotonicity; i.e., the output always increases and never
decreases for an increasing input.
Settling Time
Settling time is the time required for the output to settle to
within the specified error band for any input code transition.
It is usually specified for a full scale or major carry transition,
settling to within 0.50 LSB of final value.
Drift
Gain Drift - The change in full scale analog output over the
specified temperature range expressed in parts per million of
full scale range per oC (ppm of FSR/oC). Gain error is
measured with respect to 25oC at high (tH) and low (tL)
temperatures. Gain drift is calculated for both high (tL -
25oC) and low ranges (25oC - tL) by dividing the gain error
by the respective change in temperature. The specification is
the larger of the two representing worst case drift.
Offset Drift - The change in analog output with all bits OFF
over the specified temperature range expressed in parts per
million of full scale range per oC (ppm of FSR/oC). Offset
error is measured with respect to 25oC at high (tH) and low
(tL) temperatures. Offset drift is calculated for both high (tD -
25oC) and low (25oC-tL) ranges by dividing the offset error
by the respective change in temperature. The specification
given is the larger of the two, representing worst case drift.
Power Supply Sensitivity
Power Supply Sensitivity is a measure of the change in
gain and offset of the D/A converter resulting from a
change in -15V or +15V supplies. It is specified under DC
conditions and expressed as parts per million of full scale
range per percent of change in power supply (ppm of
FSR/%).
Compliance
Compliance Voltage is the maximum output voltage range
that can be tolerated and still maintain its specified accuracy.
Compliance Limit implies functional operation only and
makes no claims to accuracy.
Glitch
A glitch on the output of a D/A converter is a transient spike
resulting from unequal internal ON-OFF switching times.
Worst case glitches usually occur at half scale or the major
carry code transition from 011 . . . 1 to 100 . . . 0 or vice
versa. For example, if turn ON is greater than turn OFF for
011 . . . 1 to 100 . . . 0, an intermediate state of 000 . . . 0
exists, such that, the output momentarily glitches toward
zero output. Matched switching times and fast switching will
reduce glitches considerably.
REF OUT VCC
43
+
-
19.95K
REF
10V
6
5
REF
+
-
3.5K
3K
IREF
0.5mA
-VEE
PWR
GND
712
24. . . 13
MSB LSB
(4X IREF
X CODE)
GND
IN
20V
SPAN
10V
SPAN
OUT
IO
DAC
9.95K
BIP.
OFF.
8
5K
5K
2.5K
11
10
9
DIGITAL
INPUT
ANALOG OUTPUT
STRAIGHT
BINARY
OFFSET
BINARY
(NOTE)
TWO’S
COMPLEMENT
MSB . LSB
000 . . . 000
Zero
- fS (Full Scale)
Zero
100 . . . 000
0.50 fS
Zero
- fS
111 . . . 111
+ fS - 1 LSB
+ fS - 1 LSB
Zero - 1 LSB
011 . . . 111
0.50 fS - 1 LSB
Zero - 1 LSB
+ fS - 1 LSB
NOTE: Invert MSB with external inverter to obtain Two’s
Complement Coding.
HS-565ARH-T


Similar Part No. - HS1-565ARH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-565ARH INTERSIL-HS1-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS1-565ARH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com