Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-5104ARH-Q Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS9-5104ARH-Q
Description  Radiation Hardened Low Noise Quad Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-5104ARH-Q Datasheet(HTML) 1 Page - Intersil Corporation

  HS9-5104ARH-Q Datasheet HTML 1Page - Intersil Corporation HS9-5104ARH-Q Datasheet HTML 2Page - Intersil Corporation HS9-5104ARH-Q Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
File Number
3025.3
HS-5104ARH
Radiation Hardened Low Noise Quad
Operational Amplifier
The HS-5104ARH is a radiation hardened, monolithic quad
operational amplifier that provides highly reliable
performance in harsh radiation environments. Its excellent
noise characteristics coupled with an unique array of
dynamic specifications make this amplifier well-suited for a
variety of satellite system applications. Dielectrically
isolated, bipolar processing makes this device immune to
Single Event Latch-Up.
The HS-5104ARH shows almost no change in offset voltage
after exposure to 100kRAD(Si) gamma radiation, with only a
minor increase in current. Complementing these specifications
is a post radiation open loop gain in excess of 40K.
This quad operational amplifier is available in an industry
standard pinout, allowing for immediate interchangeability
with most other quad operational amplifiers.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95690. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-95690
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Gamma Dose (
γ) . . . . . . . . . . . . . . . . . 1 x 105RAD(Si)
• Low Noise
- At 1kHz . . . . . . . . . . . . . . . . . . . . . . . . 4.3nV/
√Hz (Typ)
- At 1kHz . . . . . . . . . . . . . . . . . . . . . . . . 0.6pA/
√Hz (Typ)
• Low Offset Voltage . . . . . . . . . . . . . . . . . . . . 3.0mV (Max)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 2.0V/
µs (Typ)
• Gain Bandwidth Product . . . . . . . . . . . . . . . 8.0MHz (Typ)
Applications
• High Q, Active Filters
• Voltage Regulators
• Integrators
• Signal Generators
• Voltage References
• Space Environments
Pinouts
HS-5104ARH (SBDIP) CDIP2-T14
TOP VIEW
HS-5104ARH (FLATPACK) CDFP3-F14
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962R9569001V9A
HS0-5104ARH-Q
25
5962R9569001VCC
HS1-5104ARH-Q
-55 to 125
5962R9569001VXC
HS9-5104ARH-Q
-55 to 125
HS1-5104ARH/PROTO
HS1-5104ARH/PROTO
-55 to 125
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+
OUT 1
-IN1
+IN1
+IN2
-IN2
OUT 2
V-
OUT 3
OUT 4
-IN3
+IN3
+IN4
-IN4
V+
OUT 1
-IN1
+IN1
+IN2
-IN2
OUT 2
V-
OUT 3
OUT 4
-IN3
+IN3
+IN4
-IN4
14
13
12
11
10
9
8
2
3
4
5
6
7
1
Data Sheet
August 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - HS9-5104ARH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-5104ARH-Q INTERSIL-HS9-5104ARH-Q Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS9-5104ARH-Q INTERSIL-HS9-5104ARH-Q Datasheet
221Kb / 5P
   Radiation Hardened, Low Noise Quad Operational Amplifiers
More results

Similar Description - HS9-5104ARH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_13 Datasheet
221Kb / 5P
   Radiation Hardened, Low Noise Quad Operational Amplifiers
logo
List of Unclassifed Man...
5962-88565 ETC2-5962-88565 Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
Intersil Corporation
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
   Low Power, Radiation Hardened Programmable Operational Amplifier
logo
List of Unclassifed Man...
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Intersil Corporation
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
   Low Power, High Performance Radiation Hardened Operational Amplifier
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com