Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16080 Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16080
Description  Yaw Rate Gyroscope with SPI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16080 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16080_15 Datasheet HTML 3Page - Analog Devices ADIS16080_15 Datasheet HTML 4Page - Analog Devices ADIS16080_15 Datasheet HTML 5Page - Analog Devices ADIS16080_15 Datasheet HTML 6Page - Analog Devices ADIS16080_15 Datasheet HTML 7Page - Analog Devices ADIS16080_15 Datasheet HTML 8Page - Analog Devices ADIS16080_15 Datasheet HTML 9Page - Analog Devices ADIS16080_15 Datasheet HTML 10Page - Analog Devices ADIS16080_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADIS16080
Rev. C | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
NC
DOUT
SCLK
DIN
AIN2
COM
VREF
ST2
ADIS16080
BOTTOM
VIEW
(Not to Scale)
9
10
11
4
1
2
3
12
13
14
15
16
8
56
7
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
DIN
I
SPI Data Input.
2
SCLK
I
SPI Serial Clock.
3
DOUT
O
SPI Data Output.
4
NC
No Connect.
5
RATE
O
Buffered Analog Output. Represents the angular rate signal.
6
FILT
I
External Capacitor Connection to Control Bandwidth.
7
VDRIVE
S
SPI Power Supply. This can be the receive processing circuit’s supply to simplify interfacing.
8
AIN1
I
External Analog Input Channel 1. See ADD0 and ADD1 address bits in Table 5.
9
AIN2
I
External Analog Input Channel 2. See ADD0 and ADD1 address bits in Table 5.
10
COM
S
Common. Reference point for all circuitry in the ADIS16080.
11
VREF
O
Precision 2.5 V Reference.
12
ST2
I
Self-Test Input 2.
13
ST1
I
Self-Test Input 1.
14
VCC
S
Analog Power.
15
NC
No Connect.
16
CS
I
Chip Select. Active low. This input frames the serial data transfer and initiates the conversion process.
1 I = input; O = output; S = power supply.
0.6700 BSC
12×
3.6865 BSC
2.5050 BSC
.5000 BSC
16×
1.000 BSC
16×
5.010 BSC
7.373 BSC
Figure 5. Second-Level Assembly Pad Layout


Similar Part No. - ADIS16080_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16080/PCBZ AD-ADIS16080/PCBZ Datasheet
618Kb / 16P
   짹80째/sec Yaw Rate Gyro with SPI Interface
REV. 0
ADIS16080ACCZ AD-ADIS16080ACCZ Datasheet
618Kb / 16P
   짹80째/sec Yaw Rate Gyro with SPI Interface
REV. 0
ADIS16080PCBZ AD-ADIS16080PCBZ Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16080PCBZ AD-ADIS16080PCBZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16080_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADIS16060 AD-ADIS16060 Datasheet
353Kb / 12P
   Wide Bandwidth Yaw Rate Gyroscope with SPI
REV. 0
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
ADIS16080 AD-ADIS16080 Datasheet
618Kb / 16P
   짹80째/sec Yaw Rate Gyro with SPI Interface
REV. 0
ADIS16100 AD-ADIS16100 Datasheet
421Kb / 16P
   -300째/sec Yaw Rate Gyro with SPI Interface
REV. A
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com