Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-65647RH Datasheet(PDF) 5 Page - Intersil Corporation

Part # HS-65647RH
Description  Radiation Hardened 8K x 8 SOS CMOS Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-65647RH Datasheet(HTML) 5 Page - Intersil Corporation

  HS-65647RH Datasheet HTML 1Page - Intersil Corporation HS-65647RH Datasheet HTML 2Page - Intersil Corporation HS-65647RH Datasheet HTML 3Page - Intersil Corporation HS-65647RH Datasheet HTML 4Page - Intersil Corporation HS-65647RH Datasheet HTML 5Page - Intersil Corporation HS-65647RH Datasheet HTML 6Page - Intersil Corporation HS-65647RH Datasheet HTML 7Page - Intersil Corporation HS-65647RH Datasheet HTML 8Page - Intersil Corporation HS-65647RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
828
Specifications HS-65647RH
Write Enable High to Out-
put ON
TWHQX
VDD = 4.5V and 5.5V
1
-55oC
≤ T
A ≤ +125
oC0
-
ns
Chip Enable to Output ON
TE1LQX
TE2HQX
VDD = 4.5V and 5.5V
1
-55oC
≤ T
A ≤ +125
oC0
-
ns
Output Enable to Output
ON
TGLQX
VDD = 4.5V and 5.5V
1
-55oC
≤ T
A ≤ +125
oC0
-
ns
Chip Enable to Output in
High Z
TE1HQZ
TE2LQZ
VDD = 4.5V and 5.5V
1
-55oC
≤ T
A ≤ +125
oC
-
15
ns
Output Disable to Output in
High Z
TGHQZ
VDD = 4.5V and 5.5V
1
-55oC
≤ T
A ≤ +125
oC
-
15
ns
Output Hold from Address
Change
TAXQX
VDD = 4.5V and 5.5V
1
-55oC
≤ T
A ≤ +125
oC0
-
ns
NOTES:
1. The parameters listed are controlled via design or process parameters and are not directly tested. These parameters are
characterized upon initial design release and upon design changes which would affect these characteristics.
2. Applies to DIP device types only.
3. Applies to Flatpack device types only.
4. All measurements referenced to device GND.
TABLE 4. POST 300K RAD DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Standby Supply Current
IDDSB
VDD = 5.5V, IO = 0mA, E1 = VDD,
E2 = 0V, VI = VDD or GND
+25oC
-
10
mA
Enabled Supply Current
IDDEN
VDD = 5.5V, IO = 0mA, E1 = 0.0V,
E2 = VDD, VI = VDD or GND
+25oC
-
82
mA
Operating Supply Current
(Note 2)
IDDOP
VDD = 5.5V, IO = 0mA, f = 2MHz,
E = 0V,VI = VDD or GND
+25oC
-
100
mA
Data Retention Supply Current
IDDDR
VDD = 2.0V, IO = 0mA, E = VDD
+25oC-
6
mA
NOTES:
1. DC parameters not listed in this table are tested at the +25oC pre-irradiation test limits. All AC parameters are tested at the +25oC pre-
irradiation test limits.
2. Typical IDDOP derating = 3mA/MHz (3mA increase in IDDOP per 1MHz increase in address frequency.)
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Spec Number
518729


Similar Part No. - HS-65647RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
More results

Similar Description - HS-65647RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com