Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-65647RH Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS-65647RH
Description  Radiation Hardened 8K x 8 SOS CMOS Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-65647RH Datasheet(HTML) 3 Page - Intersil Corporation

  HS-65647RH Datasheet HTML 1Page - Intersil Corporation HS-65647RH Datasheet HTML 2Page - Intersil Corporation HS-65647RH Datasheet HTML 3Page - Intersil Corporation HS-65647RH Datasheet HTML 4Page - Intersil Corporation HS-65647RH Datasheet HTML 5Page - Intersil Corporation HS-65647RH Datasheet HTML 6Page - Intersil Corporation HS-65647RH Datasheet HTML 7Page - Intersil Corporation HS-65647RH Datasheet HTML 8Page - Intersil Corporation HS-65647RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
826
Specifications HS-65647RH
Absolute Maximum Ratings
Reliability Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND-0.3V to VDD+0.3V
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Typical Derating Factor. . . . . . . . . . . . 3mA/MHz Increase in IDDOP
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θ
JA
θ
JC
28 Lead SBDIP Package. . . . . . . . . . . . .
45oC/W
8.0oC/W
28/36 Lead Ceramic Flatpack Package. .
53.4oC/W
7.4oC/W
Maximum Package Power Dissipation at +125oC Ambient
28 Lead SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . 1.11W
28/36 Lead Ceramic Flatpack Package. . . . . . . . . . . . . . . . 0.94W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
28 Lead SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . .22.2mW/C
28/36 Lead Ceramic Flatpack Package. . . . . . . . . . . . .18.7mW/C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range (VDD) . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range (TA) . . . . . . . . . . . . -55
oC to +125oC
Input Low Voltage (VIL) . . . . . . . . . . . . . . . . . . . . . . 0V to +0.2VDD
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . .0.8VDD to VDD
Data Retention Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 2.0V
Input Rise and Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . 40ns Max.
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
High Level Output
Voltage
VOH
VDD = 4.5V, IO = -5mA
VI = VDD or GND
1, 2, 3
-55oC, +25oC,
+85oC, +125oC
VDD-
0.4
-V
Low Level Output
Voltage
VOL
VDD = 4.5V, IO = 8.0mA
VI = VDD or GND
1, 2, 3
-55oC, +25oC,
+85oC, +125oC
-
0.4
V
High Impedance Output
Leakage Current
IOZL or
IOZH
VDD = 5.5V, VO = GND or
VDD, VI = VDD or GND
E1 = VDD, E2 = 0V
1, 3
-55oC, +25oC
-10
10
µA
2
+85oC
-30
30
µA
2
+125oC
-60
60
µA
Input Leakage Current
IIH or IIL
VDD = 5.5V, VI = VDD or
GND
1, 2, 3
-55oC, +25oC,
+85oC, +125oC
-1.0
1.0
µA
Standby Supply Current
IDDSB
(Note 3)
VDD = 5.5V, IO = 0mA,
VI = VDD or GND
E1 = VDD, E2 = 0V
1, 3
-55oC, +25oC
-
500
µA
2
+85oC-
4
mA
2
+125oC
-
10
mA
Enable Supply Current
IDDEN
VDD = 5.5V, IO = 0mA,
VI = VDD or GND
E1 = 0.0V, E2 = VDD
3
-55oC
-
77
mA
1
+25oC
-
73
mA
2
+85oC, +125oC
-
64
mA
Operating Supply
Current (Note 2)
IDDOP
VDD = 5.5V, IO = 0mA,
VI = VDD or GND,
E2 = VDD, E1 = 0V,
f = 2MHz
3
-55oC
-
100
mA
1
+25oC
-
86
mA
2
+85oC, +125oC
-
75
mA
Data Retention Supply
Current
IDDDR
VDD = 2.0V, IO = 0mA,
VI = VDD or GND
E1 = VDD, E2 = 0V
1, 3
-55oC, +25oC-
50
µA
2
+85oC-
1
mA
2
+125oC-
4
mA
Functional Tests
FT
VDD = 4.5V and 5.5V
VI = VDD or GND, f = 1MHz
7, 8A, 8B
-55oC, +25oC,
+85oC, +125oC
--
-
Noise Immunity
Functional Test
FN
VDD = 4.5, VIL = 0.2 VDD
VIH = 0.8 VDD, f = 1MHz
7, 8A, 8B
-55oC, +25oC,
+85oC, +125oC
--
-
NOTES:
1. All voltages referenced to device GND.
2. Typical IDDOP derating = 3mA/MHz (3mA increase in IDDOP per 1MHz increase in address frequency.)
3. In order for this device to be in low power standby mode. E2 must be disabled (low).
Spec Number
518729


Similar Part No. - HS-65647RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
More results

Similar Description - HS-65647RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com