Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-565ARH Datasheet(PDF) 8 Page - Intersil Corporation

Part # HS1-565ARH
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-565ARH Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HS1-565ARH Datasheet HTML 2Page - Intersil Corporation HS1-565ARH Datasheet HTML 3Page - Intersil Corporation HS1-565ARH Datasheet HTML 4Page - Intersil Corporation HS1-565ARH Datasheet HTML 5Page - Intersil Corporation HS1-565ARH Datasheet HTML 6Page - Intersil Corporation HS1-565ARH Datasheet HTML 7Page - Intersil Corporation HS1-565ARH Datasheet HTML 8Page - Intersil Corporation HS1-565ARH Datasheet HTML 9Page - Intersil Corporation HS1-565ARH Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
HS-565ARH
Settling Time
This is a challenging measurement, in which the result
depends on the method chosen, the precision and quality of
test equipment and the operating configuration of the DAC
(test conditions). As a result, the different techniques in use
by converter manufacturers can lead to consistently different
results. An engineer should understand the advantage and
limitations of a given test methods before using the specified
settling time as a basis for design.
The approach used for several years at Harris calls for a
strobed comparator to sense final perturbations of the DAC
output waveform. This gives the LSB a reasonable
magnitude (814mV for the HS-565ARH, which provides the
comparator with enough overdrive to establish an accurate
±0.50 LSB window about the final settled value. Also, the
required test conditions simulate the DACs environment for a
common application - use in a successive approximation A/
D converter. Considerable experience has shown this to be a
reliable and repeatable way to measure settling time.
The usual specification is based on a 10V step, produced
by simultaneously switching all bits from off-to-on (tON) or
on-to-off (tOFF). The slower of the two cases is specified,
as measured from 50% of the digital input transition to the
final entry within a window of 0.50 LSB about the settled
value. Four measurements characterize a given type of
DAC:
(a) tON, to final value +0.50 LSB
(b) tON, to final value -0.50 LSB
(c) tOFF, to final value +0.50 LSB
(d) OFF, to final value -0.50 LSB
(Cases (b) and (c) may be eliminated unless the overshoot
exceeds 0.50 LSB). For example, refer to Figures 5A and5B
for the measurement of case (d).
Procedure
As shown in Figure 5B, settling time equals tX plus the
comparator delay (tD = 15ns). To measure tX,
• Adjust the delay on generator number 2 for a tX of several
microseconds. This assures that the DAC output has
settled to its final wave.
• Switch on the LSB (+5V)
• Adjust the VLSB supply for 50% triggering at COMPARA-
TOR OUT. This is indicated by traces of equal brightness
on the oscilloscope display as shown in Figure 5B. Note
DVM reading.
• Switch to LSB to Pulse (P)
• Readjust the VLSB supply for 50% triggering as before,
and note DVM reading. One LSB equals one tenth the
difference in the DVM readings noted above.
• Adjust the VLSB supply to reduce the DVM reading by
5 LSBs (DVM reads 10X, so this sets the comparator
to sense the final settled value minus 0.50 LSB). Com-
parator output disappears.
• Reduce generator number 2 delay until comparator output
reappears, and adjust for “equal brightness”.
• Measure tX from scope as shown in Figure 5B. Settling
time equals tX + tD, i.e. tX + 15ns.
TABLE 7. OPERATING MODES AND CALIBRATION
MODE
CIRCUIT CONNECTIONS
CALIBRATION
OUTPUT
RANGE
PIN 10
TO
PIN 11
TO
RESISTOR
(R)
APPLY
INPUT CODE
ADJUST
TO SET VO
Unipolar (See Figure 3)
0 to +10V
VO
Pin 10
1.43K
All 0’s
All 1’s
R1
R2
0V
+9.99756V
0 to +5V
VO
Pin 9
1.1K
All 0’s
All 1’s
R1
R2
0V
+4.99878V
Bipolar (See Figure 4)
±10V
NC
VO
1.69K
All 0’s
All 1’s
R3
R4
-10V
+9.99512V
±5V
VO
Pin 10
1.43K
All 0’s
All 1’s
R3
R4
-5V
+4.99756V
±2.5V
VO
Pin 9
1.1K
All 0’s
All 1’s
R3
R4
-2.5V
+2.49878V
Spec Number
518795


Similar Part No. - HS1-565ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-565ARH-T INTERSIL-HS1-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS1-565ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com