Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-565ARH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS1-565ARH
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-565ARH Datasheet(HTML) 1 Page - Intersil Corporation

  HS1-565ARH Datasheet HTML 1Page - Intersil Corporation HS1-565ARH Datasheet HTML 2Page - Intersil Corporation HS1-565ARH Datasheet HTML 3Page - Intersil Corporation HS1-565ARH Datasheet HTML 4Page - Intersil Corporation HS1-565ARH Datasheet HTML 5Page - Intersil Corporation HS1-565ARH Datasheet HTML 6Page - Intersil Corporation HS1-565ARH Datasheet HTML 7Page - Intersil Corporation HS1-565ARH Datasheet HTML 8Page - Intersil Corporation HS1-565ARH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1996
1
Semiconductor
HS-565ARH
Radiation Hardened High Speed,
Monolithic Digital-to-Analog Converter
Features
• Devices QML Qualified in Accordance with
MIL-PRF-38535
• Detailed Electrical and Screening Requirements
are Contained in SMD# 5962-96755 and Harris’ QM
Plan
• DAC and Reference on a Single Chip
• Pin Compatible with AD-565A and HI-565A
• Very High Speed: Settles to 0.50 LSB in 500ns Max
• Monotonicity Guaranteed Over Temperature
• 0.50 LSB Max Nonlinearity Guaranteed Over
Temperature
• Low Gain Drift (Max., DAC Plus Reference) 50ppm/oC
• Total Dose Hardness to 100K RAD
±0.75 LSB Accuracy Guaranteed Over Temperature
(
±0.125 LSB Typical at +25oC)
Applications
• High Speed A/D Converters
• Precision Instrumentation
• Signal Reconstruction
March 1996
Description
The HS-565ARH is a fast, radiation hardened 12-bit current out-
put, digital-to-analog converter. The monolithic chip includes a
precision voltage reference, thin-film R-2R ladder, reference
control
amplifier
and
twelve
high-speed
bipolar
current
switches.
The Harris Semiconductor Dielectric Isolation process provides
latch-up free operation while minimizing stray capacitance and
leakage currents, to produce an excellent combination of speed
and accuracy. Also, ground currents are minimized to produce a
low and constant current through the ground terminal, which
reduces error due to code-dependent ground currents.
HS-565ARH die are laser trimmed for a maximum integral nonlin-
earity error of
±0.25 LSB at +25oC. In addition, the low noise bur-
ied zener reference is trimmed both for absolute value and mini-
mum temperature coefficient.
Functional Diagram
REF OUT VCC
43
+
-
19.95K
REF
10V
6
5
REF
+
-
3.5K
3K
IREF
0.5mA
-VEE
PWR
GND
712
24 . . . 13
MSB LSB
(4X IREF
X CODE)
GND
IN
20V
SPAN
10V
SPAN
OUT
IO
DAC
9.95K
BIP.
OFF.
8
5K
5K
2.5K
11
10
9
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
5962R9675501VJC
-55oC to +125oC
MIL-PRF-38535 Level V
24 Lead SBDIP
5962R9675501VXC
-55oC to +125oC
MIL-PRF-38535 Level V
24 Lead Ceramic Flatpack
HS1-565ARH (SAMPLE)
+25oC
Sample
24 Lead SBDIP
HS9-565ARH (SAMPLE)
+25oC
Sample
24 Lead Ceramic Flatpack
Spec Number
518795
File Number
3278.2


Similar Part No. - HS1-565ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-565ARH-T INTERSIL-HS1-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS1-565ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com