Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-65647RH Datasheet(PDF) 8 Page - Intersil Corporation

Part # HS1-65647RH
Description  Radiation Hardened 8K x 8 SOS CMOS Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-65647RH Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HS1-65647RH Datasheet HTML 4Page - Intersil Corporation HS1-65647RH Datasheet HTML 5Page - Intersil Corporation HS1-65647RH Datasheet HTML 6Page - Intersil Corporation HS1-65647RH Datasheet HTML 7Page - Intersil Corporation HS1-65647RH Datasheet HTML 8Page - Intersil Corporation HS1-65647RH Datasheet HTML 9Page - Intersil Corporation HS1-65647RH Datasheet HTML 10Page - Intersil Corporation HS1-65647RH Datasheet HTML 11Page - Intersil Corporation HS1-65647RH Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
831
HS-65647RH
Intersil Space Level Product Flow -8
GAMMA Radiation Verification (Each Wafer) Method 1019,
2 Samples/Wafer, 0 Rejects
Periodic- Wire Bond Pull Monitor, Method 2011
Periodic- Die Shear Monitor, Method 2019 or 2027
100% Internal Visual Inspection, Method 2010, Condition B
100% Temperature Cycle, Method 1010, Condition C,
10 Cycles
100% Constant Acceleration, Method 2001, Condition per
Method 5004
100% External Visual
100% Initial Electrical Test
100% Dynamic Burn-In, Condition D, 160 Hours, +125oC or
Equivalent, Method 1015
100% Interim Electrical Test
100% PDA, Method 5004 (Note 1)
100% Final Electrical Test
100% Fine/Gross Leak, Method 1014
100% External Visual, Method 2009
Sample - Group A, Method 5005 (Note 2)
Sample - Group B, Method 5005 (Note 3)
Sample - Group C, Method 5005 (Notes 3 and 4)
Sample - Group D, Method 5005 (Notes 3 and 4)
100% Data Package Generation (Note 5)
NOTES:
1. Failures from subgroup 1, 7 are used for calculating PDA. The maximum allowable PDA = 5%.
2. Alternate Group A testing may be performed as allowed by MIL-STD-883, Method 5005.
3. Group B, C and D inspections are optional and will not be performed unless required by the P.O. When required, the P.O. should include
separate line items for Group B Test, Group C Test, Group C Samples, Group D Test and Group D Samples.
4. Group C and/or Group D Generic Data, as defined by MIL-I-38535, is optional and will not be supplied unless required by the P.O. When
required, the P.O. should include a separate line item for Group C Generic Data and/or Group D Generic Data. Generic data is not guar-
anteed to be available and is therefore not available in all cases.
5. Data Package Contents:
• Cover Sheet (Intersil Name and/or Logo, P.O. Number, Customer Part Number, Lot Date Code, Intersil Part Number, Lot Number, Quan-
tity).
• GAMMA Radiation Report. Contains Cover page, disposition, Rad Dose, Lot Number, Test Package used, Specification Numbers, Test
equipment, etc. Radiation Read and Record data on file at Intersil.
• Screening, Electrical, and Group A attributes (Screening attributes begin after package seal).
• Group B, C and D attributes and/or Generic data is included when required by the P.O.
• The Certificate of Conformance is a part of the shipping invoice and is not part of the Data Book. The Certificate of Conformance is signed
by an authorized Quality Representative.
Spec Number
518729


Similar Part No. - HS1-65647RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-65647RH-8 INTERSIL-HS1-65647RH-8 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS1-65647RH-Q INTERSIL-HS1-65647RH-Q Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS1-65647RH/PROTO INTERSIL-HS1-65647RH/PROTO Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
More results

Similar Description - HS1-65647RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com