Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4495EQ Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4495EQ
Description  Quality-oriented Premium 32-Bit 2ch DAC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4495EQ Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4495EQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4495EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4495EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4495EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4495EQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4495EQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK4495EQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK4495EQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK4495EQ Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
[AK4495S/95]
MS1560-E-02
2014/04
- 9 -
6. Absolute Maximum Ratings
(AVSS=DVSS=VSSL=VSSR=VREFLL=VREFLR=0V; Note 1)
Parameter
Symbol
min
max
Unit
Power Supplies:
Analog
Analog
Digital
|AVSS  DVSS|
(Note 2)
AVDD
VDDL/R
DVDD
GND
0.3
0.3
0.3
-
4.6
7.5
4.6
0.3
V
V
V
V
Input Current, Any Pin Except Supplies
IIN
-
10
mA
Digital Input Voltage
VIND
0.3
DVDD+0.3
V
Ambient Temperature (Power applied)
Ta
40
85
C
Storage Temperature
Tstg
65
150
C
Note 1. All voltages with respect to ground.
Note 2. AVSS, DVSS, VSSL and VSSR must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
7. Recommended Operation Conditions
(AVSS=DVSS=VSSL=VSSR =0V; Note 1)
Parameter
Symbol
min
typ
max
Unit
Power
Supplies
(Note 3)
Analog
Analog
Digital
AVDD
VDDL/R
DVDD
3.0
4.75
3.0
3.3
5.0
3.3
3.6
7.2
3.6
V
V
V
Voltage
Reference
(Note 4)
“H” voltage reference
“L” voltage reference
VREFH  VREFL
VREFHL/R
VREFLL/R
VREF
VDDL/R0.5
3.0
-
VSS
-
VDDL/R
-
VDDL/R
V
V
V
Note 1. All voltages with respect to ground.
Note 3. The power up sequence between AVDD, VDDL/R and DVDD is not critical.
Note 4. The analog output voltage scales with the voltage of (VREFH  VREFL).
AOUT (typ.@0dB) = (AOUT+)  (AOUT) = 2.8Vpp  (VREFHL/R  VREFLL/R)/5.
* AKM assumes no responsibility for the usage beyond the conditions in this data sheet.


Similar Part No. - AK4495EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4495 AKM-AK4495 Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4495S AKM-AK4495S Datasheet
1Mb / 58P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4495S AKM-AK4495S Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4495SEQ AKM-AK4495SEQ Datasheet
1Mb / 58P
   Quality-oriented Premium 32-Bit 2ch DAC
More results

Similar Description - AK4495EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4495SEQ AKM-AK4495SEQ Datasheet
1Mb / 58P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4495 AKM-AK4495 Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4493 AKM-AK4493 Datasheet
2Mb / 104P
   Quality Oriented 32-Bit 2ch DAC
AK4492ECB AKM-AK4492ECB Datasheet
2Mb / 101P
   Quality Oriented 32-Bit 2ch DAC
AK4497 AKM-AK4497 Datasheet
1Mb / 98P
   Quality Oriented 32-Bit 2ch DAC
AK4492 AKM-AK4492 Datasheet
2Mb / 101P
   Quality Oriented 32-Bit 2ch DAC
AK4497EQ AKM-AK4497EQ Datasheet
1Mb / 98P
   Quality Oriented 32-Bit 2ch DAC
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490EN AKM-AK4490EN Datasheet
1Mb / 42P
   Premium 32-Bit 2ch DAC
AK4490 AKM-AK4490 Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com